Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 83 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 83 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 79Page - Cypress Semiconductor MB9B360R Datasheet HTML 80Page - Cypress Semiconductor MB9B360R Datasheet HTML 81Page - Cypress Semiconductor MB9B360R Datasheet HTML 82Page - Cypress Semiconductor MB9B360R Datasheet HTML 83Page - Cypress Semiconductor MB9B360R Datasheet HTML 84Page - Cypress Semiconductor MB9B360R Datasheet HTML 85Page - Cypress Semiconductor MB9B360R Datasheet HTML 86Page - Cypress Semiconductor MB9B360R Datasheet HTML 87Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 83 of 166
MB9B360R Series
12.4.7
Reset Input Characteristics
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Reset input
time
tINITX
INITX
-
500
-
ns
12.4.8
Power-on Reset Timing
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Power supply
rising time
Tr
VCC
0
-
ms
Power supply
shut down time
Toff
1
-
ms
Time until
releasing
Power-on reset
Tprt
0.33
0.60
ms
0.2V
VDL_minimum
VCC_minimum
Tprt
Internal RST
VCC
CPU Operation
start
RST Active
Release
Tr
0.2V
0.2V
Toff
Glossary
VCC_minimum
: Minimum VCC of recommended operating conditions.
VDL_minimum
: Minimum detection voltage of Low-Voltage detection reset.
See
“12.8. Low-Voltage Detection Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com