Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 82 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 82 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 78Page - Cypress Semiconductor MB9B360R Datasheet HTML 79Page - Cypress Semiconductor MB9B360R Datasheet HTML 80Page - Cypress Semiconductor MB9B360R Datasheet HTML 81Page - Cypress Semiconductor MB9B360R Datasheet HTML 82Page - Cypress Semiconductor MB9B360R Datasheet HTML 83Page - Cypress Semiconductor MB9B360R Datasheet HTML 84Page - Cypress Semiconductor MB9B360R Datasheet HTML 85Page - Cypress Semiconductor MB9B360R Datasheet HTML 86Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 82 of 166
MB9B360R Series
12.4.4
Operating Conditions of Main PLL (In the case of using main clock for input clock of PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization
wait time*
1
(LOCK UP time)
tLOCK
200
-
-
μs
PLL input clock frequency
FPLLI
4
-
16
MHz
PLL multiplication rate
-
13
-
80
multiplier
PLL macro oscillation clock
frequency
FPLLO
200
-
320
MHz
Main PLL clock frequency*
2
FCLKPLL
-
-
160
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CL
KPLL), see “Chapter: Clock” in “FM4 Family Peripheral Manual”.
12.4.5
Operating Conditions of USB PLL (In the case of using main clock for input clock of PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization
wait time*
1
(LOCK UP time)
tLOCK
100
-
-
μs
PLL input clock frequency
FPLLI
4
-
16
MHz
PLL multiplication rate
-
13
-
80
multiplier
PLL macro oscillation clock
frequency
FPLLO
200
-
320
MHz
USB clock frequency*
2
FCLKSPLL
-
-
48
MHz
After the M
frequency
division
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about USB clock, see "Chapter: USB Clock Generation" in "FM4 Family Peripheral Manual Communication
Macro Part".
12.4.6
Operating Conditions of Main PLL (In the case of using built-in high-speed CR clock for input clock of main PLL)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Value
Unit
Remarks
Min
Typ
Max
PLL oscillation stabilization
wait time*
1
(LOCK UP time)
tLOCK
200
-
-
μs
PLL input clock frequency
FPLLI
3.8
4
4.2
MHz
PLL multiplication rate
-
50
-
75
multiplier
PLL macro oscillation clock
frequency
FPLLO
190
-
320
MHz
Main PLL clock frequency*
2
FCLKPLL
-
-
160
MHz
*1: Time from when the PLL starts operating until the oscillation stabilizes.
*2: For more information about Main PLL clock (CL
KPLL), see “Chapter: Clock” in “FM4 Family Peripheral Manual”.
Note: Make sure to input to the main PLL source clock, the high-speed CR clock (CLKHC) that the frequency and temperature has
been trimmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com