Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 68 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 68 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 64Page - Cypress Semiconductor MB9B360R Datasheet HTML 65Page - Cypress Semiconductor MB9B360R Datasheet HTML 66Page - Cypress Semiconductor MB9B360R Datasheet HTML 67Page - Cypress Semiconductor MB9B360R Datasheet HTML 68Page - Cypress Semiconductor MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 68 of 166
MB9B360R Series
12.2 Recommended Operating Conditions
Parameter
Symbol
Conditions
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC
-
2.7
5.5
V
Power supply voltage (for USB)
USBVCC
-
3.0
3.6
(
≤ V
CC)
V
*1
2.7
5.5
(
≤ V
CC)
*2
Power supply voltage (VBAT)
VBAT
-
2.7
5.5
V
Analog power supply voltage
AVCC
-
2.7
5.5
V
AVCC=VCC
Analog reference voltage
AVRH
-
AVSS
AVCC
V
Operating
temperature
Junction temperature
Tj
-
- 40
+ 125
°C
Ambient temperature
Ta
-
- 40
*3
°C
*1 : When P81/UDP0 and P80/UDM0 pins are used as USB (UDP0, UDM0).
*2 : When P81/UDP0 and P80/UDM0 pins are used as GPIO (P81, P80).
*3 : The maximum temperature of the ambient temperature (Ta) can guarantee a range that does not exceed the junction
temperature (Tj).
The calculation formula of the ambient temperature (Ta) is shown below.
Ta(Max) = Tj(Max) - Pd(Max) ×
θja
Pd
: Power dissipation (W)
θja : Package thermal resistance (°C/W)
Pd (Max) = VCC × ICC (Max) + Σ (IOL×VOL) + Σ ((VCC-VOH) × (- IOH))
IOL
: "L" level output current
IOH
: "H" level output current
VOL
: "L" level output voltage
VOH
: "H" level output voltage
Package thermal resistance and maximum permissible power for each package are shown below.
The operation is guaranteed maximum permissible power or less for semiconductor devices.
Table for package thermal resistance and maximum permissible power
Package
Printed circuit board
Thermal resistance
θja (
°C/W)
Maximum permissible power
(mW)
Ta=+85
°C
Ta=+105
°C
FPT-80P-M37
(0.5mm pitch)
Single-layered both sides
60
667
333
4 layers
39
1026
513
FPT-80P-M40
(0.65mm pitch)
Single-layered both sides
58
690
335
4 layers
38
1053
526
FPT-100P-M23
(0.5mm pitch)
Single-layered both sides
57
702
351
4 layers
38
1053
526
FPT-100P-M36
(0.65mm pitch)
Single-layered both sides
48
833
417
4 layers
34
1177
588
FPT-120P-M37
(0.5mm pitch)
Single-layered both sides
62
645
323
4 layers
43
930
465
BGA-112P-M05
(0.5mm pitch)
Single-layered both sides
60
667
333
4 layers
40
1000
500
BGA-144P-M09
(0.5mm pitch)
Single-layered both sides
55
727
364
4 layers
40
1000
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com