Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 69Page - Cypress Semiconductor MB9B360R Datasheet HTML 70Page - Cypress Semiconductor MB9B360R Datasheet HTML 71Page - Cypress Semiconductor MB9B360R Datasheet HTML 72Page - Cypress Semiconductor MB9B360R Datasheet HTML 73Page - Cypress Semiconductor MB9B360R Datasheet HTML 74Page - Cypress Semiconductor MB9B360R Datasheet HTML 75Page - Cypress Semiconductor MB9B360R Datasheet HTML 76Page - Cypress Semiconductor MB9B360R Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 73 of 166
MB9B360R Series
Parameter
Symbol
Pin
name
Conditions
Frequency
*
4
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICCS
VCC
SLEEP
operation
(PLL)
160MHz
35
84
mA
*3
When all
peripheral
clocks are ON
144MHz
32
81
120MHz
27
76
100MHz
23
72
80MHz
19
68
60MHz
15
64
40MHz
11
60
20MHz
6.5
55
8MHz
4.1
53
4MHz
3.3
52
160MHz
16
65
mA
*3
When all
peripheral
clocks are
OFF
144MHz
14
63
120MHz
12
61
100MHz
11
60
80MHz
9.0
58
60MHz
7.4
56
40MHz
5.6
54
20MHz
3.9
53
8MHz
2.9
52
4MHz
2.6
51
Parameter
Symbol
Pin
name
Conditions
Frequency
*
5
Value
Unit
Remarks
Typ
*
1
Max
*
2
Power supply
current
ICCS
VCC
SLEEP
operation
(PLL)
72MHz
22
71
mA
*3
When all
peripheral
clocks are ON
60MHz
19
68
48MHz
16
64
36MHz
12
61
24MHz
9.0
58
12MHz
5.8
55
8MHz
4.6
54
4MHz
3.6
52
72MHz
9.5
58
mA
*3
When all
peripheral
clocks are
OFF
60MHz
8.3
57
48MHz
7.1
56
36MHz
5.8
55
24MHz
4.6
53
12MHz
3.5
52
8MHz
3.0
52
4MHz
2.7
51
*1: Ta=+25°C, VCC=3.3V
*2: Tj=+125°C, VCC=5.5V
*3: When all ports are fixed.
*4: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK/2
*5: Frequency is a value of HCLK. PCLK0=PCLK1=PCLK2=HCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com