Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 32 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 32 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 28Page - Cypress Semiconductor MB9B360R Datasheet HTML 29Page - Cypress Semiconductor MB9B360R Datasheet HTML 30Page - Cypress Semiconductor MB9B360R Datasheet HTML 31Page - Cypress Semiconductor MB9B360R Datasheet HTML 32Page - Cypress Semiconductor MB9B360R Datasheet HTML 33Page - Cypress Semiconductor MB9B360R Datasheet HTML 34Page - Cypress Semiconductor MB9B360R Datasheet HTML 35Page - Cypress Semiconductor MB9B360R Datasheet HTML 36Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 32 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
External
Bus
MCSX0_0
External bus interface chip select output pin
95
80
65
58
A10
B10
MCSX1_0
96
81
66
59
A9
D9
MCSX2_0
101
86
-
64
C8
C8
MCSX3_0
100
85
-
63
B8
D8
MCSX4_0
98
83
-
61
C9
B9
MCSX5_0
97
82
67
60
B9
C9
MCSX6_0
104
89
70
67
C6
C7
MCSX7_0
106
91
72
69
B6
D6
MCSX8_0
35
30
-
8
L3
M3
MADATA00_0
External bus interface data bus
(Address / data multiplex bus)
2
2
2
80
C1
C1
MADATA01_0
3
3
3
81
C2
C2
MADATA02_0
4
4
4
82
C3
D1
MADATA03_0
5
5
5
83
D1
D2
MADATA04_0
6
6
6
84
D2
D3
MADATA05_0
7
7
7
85
E1
E1
MADATA06_0
8
8
8
86
E2
E2
MADATA07_0
9
9
9
87
E3
E3
MADATA08_0
10
10
10
88
F1
E4
MADATA09_0
11
11
11
89
F2
F1
MADATA10_0
12
12
12
90
F3
F2
MADATA11_0
13
13
-
91
G1
F3
MADATA12_0
14
14
-
92
G2
F4
MADATA13_0
15
15
-
93
G3
G1
MADATA14_0
16
16
-
94
H2
G2
MADATA15_0
17
17
-
95
H3
G3
MDQM0_0
External bus interface byte mask signal output pin
93
78
63
56
B11
C10
MDQM1_0
92
77
62
55
A12
B13
MALE_0
External bus interface Address Latch enable
output signal for multiplex
94
79
64
57
B10
A11
MRDY_0
External bus interface external RDY input signal
116
96
76
74
B3
B3
MCLKOUT_0
External bus interface external clock output pin
99
84
-
62
A8
A9
MNALE_0
External bus interface ALE signal to control
NAND Flash output pin
18
-
-
-
-
G4
MNCLE_0
External bus interface CLE signal to control
NAND Flash output pin
19
-
-
-
-
H1
MNREX_0
External bus interface read enable signal to
control NAND Flash
21
-
-
-
-
H3
MNWEX_0
External bus interface write enable signal to
control NAND Flash
20
-
-
-
-
H2
MOEX_0
External bus interface read enable signal for
SRAM
114
94
74
72
B5
C4
MWEX_0
External bus interface write enable signal for
SRAM
113
93
73
71
C5
B5
External
Bus
MSDCLK_0
SDRAM interface
SDRAM clock output pin
23
18
-
96
J1
J1
MSDCKE_0
SDRAM interface
SDRAM clock enable pin
24
19
-
97
J2
J2
MRASX_0
SDRAM interface
SDRAM row address strobe pin
25
20
-
98
J3
J3
MCASX_0
SDRAM interface
SDRAM column address strobe pin
26
21
-
99
K1
J4
MSDWEX_0
SDRAM interface
SDRAM write enable pin
34
29
-
7
M3
N3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com