Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 41 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 41 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 37Page - Cypress Semiconductor MB9B360R Datasheet HTML 38Page - Cypress Semiconductor MB9B360R Datasheet HTML 39Page - Cypress Semiconductor MB9B360R Datasheet HTML 40Page - Cypress Semiconductor MB9B360R Datasheet HTML 41Page - Cypress Semiconductor MB9B360R Datasheet HTML 42Page - Cypress Semiconductor MB9B360R Datasheet HTML 43Page - Cypress Semiconductor MB9B360R Datasheet HTML 44Page - Cypress Semiconductor MB9B360R Datasheet HTML 45Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 41 of 166
MB9B360R Series
Pin
function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Real-time
clock
RTCCO_0
0.5 seconds pulse output pin of Real-time clock
115
95
75
73
B4
B4
RTCCO_1
64
54
43
32
K13
K11
RTCCO_2
23
18
13
96
J1
J1
SUBOUT_0
Sub clock output pin
115
95
75
73
B4
B4
SUBOUT_1
64
54
43
32
K13
K11
SUBOUT_2
23
18
13
96
J1
J1
USB
UDM0
USB function/host D
– pin
118
98
78
76
A3
A3
UDP0
USB function/host D + pin
119
99
79
77
A2
A2
UHCONX0
USB external pull-up control pin
115
95
75
73
B4
B4
Low-Power
Consumptio
n
Mode
WKUP0
Deep standby mode return signal input pin 0
116
96
76
74
B3
B3
WKUP1
Deep standby mode return signal input pin 1
14
9
9
87
E3
F4
WKUP2
Deep standby mode return signal input pin 2
50
45
35
23
L9
L8
WKUP3
Deep standby mode return signal input pin 3
69
59
48
37
H12
H11
DAC
DA0
D/A converter ch.0 analog output pin
36
31
21
9
M4
L4
DA1
D/A converter ch.1 analog output pin
37
32
22
10
L5
K5
VBAT
VREGCTL
On-board regulator control pin
41
36
26
14
L6
L6
VWAKEUP
The return signal input pin from a hibernation
state
42
37
27
15
M7
K6
SD I/F
S_CLK_0
SD memory card interface
SD memory card clock output pin
92
77
62
55
A12
B13
S_CMD_0
SD memory card interface
SD memory card command output
93
78
63
56
B11
C10
S_DATA1_0
SD memory card interface
SD memory card data bus
94
79
64
57
B10
A11
S_DATA0_0
95
80
65
58
A10
B10
S_DATA3_0
96
81
66
59
A9
D9
S_DATA2_0
97
82
67
60
B9
C9
S_CD_0
SD memory card interface
SD memory card detection pin
113
93
73
71
C5
B5
S_WP_0
SD memory card interface
SD memory card write protection
114
94
74
72
B5
C4
RESET
INITX
External Reset Input pin.
A reset is valid when INITX="L".
38
33
23
11
M6
N4
MODE
MD1
Mode 1 pin.
During serial programming to Flash memory,
MD1="L" must be input.
56
46
36
24
M10
N10
MD0
Mode 0 pin.
During normal operation, MD0="L" must be input.
During serial programming to Flash memory,
MD0="H" must be input.
57
47
37
25
M11
M11
POWER
VCC
Power supply Pin
1
1
1
79
B1
B1
31
26
-
4
M1
M1
46
41
31
19
M8
M9
61
51
-
29
M13
M13
91
76
61
54
B13
A12
USBVCC
3.3V Power supply port for USB I/O
117
97
77
75
A4
A4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com