Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B360R Datasheet(PDF) 122 Page - Cypress Semiconductor

Part # MB9B360R
Description  32-Bit ARM짰 Cortex짰 - M4F FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B360R Datasheet(HTML) 122 Page - Cypress Semiconductor

Back Button MB9B360R Datasheet HTML 118Page - Cypress Semiconductor MB9B360R Datasheet HTML 119Page - Cypress Semiconductor MB9B360R Datasheet HTML 120Page - Cypress Semiconductor MB9B360R Datasheet HTML 121Page - Cypress Semiconductor MB9B360R Datasheet HTML 122Page - Cypress Semiconductor MB9B360R Datasheet HTML 123Page - Cypress Semiconductor MB9B360R Datasheet HTML 124Page - Cypress Semiconductor MB9B360R Datasheet HTML 125Page - Cypress Semiconductor MB9B360R Datasheet HTML 126Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 166 page
background image
Document Number: 002-04872 Rev.*A
Page 122 of 166
MB9B360R Series
When using high-speed synchronous serial chip select (SPI = 1, SCINV = 0, MS=0, CSLVL=1)
(VCC = 2.7V to 5.5V, VSS = 0V)
Parameter
Symbol
Conditions
VCC < 4.5V
VCC ≥ 4.5V
Unit
Min
Max
Min
Max
SCS
↓→SCK↓setup time
tCSSI
Internal shift clock
operation
(*1)-20
(*1)+0
(*1)-20
(*1)+0
ns
SCK
↑→SCS↑ hold time
tCSHI
(*2)+0
(*2)+20
(*2)+0
(*2)+20
ns
SCS deselect time
tCSDI
(*3)-20
+5tCYCP
(*3)+20
+5tCYCP
(*3)-20
+5tCYCP
(*3)+20
+5tCYCP
ns
SCS
↓→SCK↓setup time
tCSSE
External shift clock
operation
3tCYCP+15
-
3tCYCP+15
-
ns
SCK
↑→SCS↑ hold time
tCSHE
0
-
0
-
ns
SCS deselect time
tCSDE
3tCYCP+15
-
3tCYCP+15
-
ns
SCS
↓→SOT delay time
tDSE
-
25
-
25
ns
SCS
↑→SOT delay time
tDEE
0
-
0
-
ns
(*1): CSSU bit value×serial chip select timing operating clock cycle [ns]
(*2): CSHD bit value×serial chip select timing operating clock cycle [ns]
(*3): CSDS bit value×serial chip select timing operating clock cycle [ns]
Notes:
• tCYCP indicates the APB bus clock cycle time.
About the APB bus number which UART is connected to, see “Block Diagram” in this datasheet.
• About CSSU, CSHD, CSDS, serial chip select timing operating clock, see “FM4 Family Peripheral Manual”.
• When the external load capacitance CL = 30pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com