Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 26Page - National Semiconductor (TI) DP83902A Datasheet HTML 27Page - National Semiconductor (TI) DP83902A Datasheet HTML 28Page - National Semiconductor (TI) DP83902A Datasheet HTML 29Page - National Semiconductor (TI) DP83902A Datasheet HTML 30Page - National Semiconductor (TI) DP83902A Datasheet HTML 31Page - National Semiconductor (TI) DP83902A Datasheet HTML 32Page - National Semiconductor (TI) DP83902A Datasheet HTML 33Page - National Semiconductor (TI) DP83902A Datasheet HTML 34Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
100 Internal Registers (Continued)
103 REGISTER DESCRIPTIONS
(Continued)
TRANSMIT CONFIGURATION REGISTER (TCR)
0DH (WRITE)
The transmit configuration establishes the actions of the transmitter section of the ST-NIC during transmission of a packet on
the network LB1 and LB0 which select loopback mode power up as 0
76543210
OFST
ATD
LB1
LB0
CRC
Bit
Symbol
Description
D0
CRC
Inhibit CRC
0 CRC appended by transmitter
1 CRC inhibited by transmitter
In loopback mode CRC can be enabled or disabled to test the CRC logic
D1
LB0
Encoded Loopback Control
These encoded configuration bits set the type of loopback that is to be
performed Note that loopback in mode 2 places the ENDEC Module in loopback mode and that D3 of the
and
and
DCR must be set to zero for loopback operation
D2
LB1
LB1
LB0
Mode 0
0
0
Normal Operation (LPBK e 0)
Mode 1
0
1
Internal NIC Module Loopback (LPBK e 0)
Mode 2
1
0
Internal ENDEC Module Loopback (LPBK e 1)
Mode 3
1
1
External Loopback (LPBK e 0)
D3
ATD
Auto Transmit Disable
This bit allows another station to disable the ST-NIC’s transmitter by transmission
of a particular multicast packet The transmitter can be re-enabled by resetting this bit or by reception of a
second particular multicast packet
1 Reception of multicast address hashing to bit 62 disables transmitter reception of multicast address
hashing to bit 63 enables transmitter
D4
OFST
Collision Offset Enable
This bit modifies the backoff algorithm to allow prioritization of nodes
0 Backoff Logic implements normal algorithm
1 Forces Backoff algorithm modification to 0 to 2min(3an 10) slot times for first three collisions then follows
standard backoff (For the first three collisions the station has higher average backoff delay making a low
priority mode)
D5
Reserved
Reserved
D6
Reserved
Reserved
D7
Reserved
Reserved
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com