Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 40 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 40 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 36Page - National Semiconductor (TI) DP83902A Datasheet HTML 37Page - National Semiconductor (TI) DP83902A Datasheet HTML 38Page - National Semiconductor (TI) DP83902A Datasheet HTML 39Page - National Semiconductor (TI) DP83902A Datasheet HTML 40Page - National Semiconductor (TI) DP83902A Datasheet HTML 41Page - National Semiconductor (TI) DP83902A Datasheet HTML 42Page - National Semiconductor (TI) DP83902A Datasheet HTML 43Page - National Semiconductor (TI) DP83902A Datasheet HTML 44Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
120 Loopback Diagnostics (Continued)
Since errored packets can be rejected the status associat-
ed with these packets is lost unless the CPU can access the
Receive Status Register before the next packer arrives In
situations where another packet arrives very quickly the
CPU may have no opportunity to do this The ST-NIC counts
the number of packets with CRC errors and Frame Align-
ment errors 8-Bit counters have been selected to reduce
overhead The counters will generate interrupts whenever
their MSBs are set so that a software routine can accumu-
late the network statistics and reset the counter before
overflow occurs The counters are sticky so that when they
reach a count of 192 (C0H) counting is halted An additional
counter is provided to count the number of packets the ST-
NIC misses due to buffer overflow or being offline
The structure of the counters is shown below
Additional information required for network management is
available in the Receive and Transmit Status Registers
Transmit status is available after each transmission for infor-
mation regarding events during transmission
Typically the following statistics might be gathered in soft-
ware
Traffic Frames Sent OK
Frames Received OK
Multicast Frames Received
Packets Lost Due to Lack of Resources
RetriesPacket
Errors CRC Errors
Alignment Errors
Excessive Collisions
Packet with Length Errors
Heartbeat Failure
TLF11157 – 20
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com