Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 49 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 49 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 45Page - National Semiconductor (TI) DP83902A Datasheet HTML 46Page - National Semiconductor (TI) DP83902A Datasheet HTML 47Page - National Semiconductor (TI) DP83902A Datasheet HTML 48Page - National Semiconductor (TI) DP83902A Datasheet HTML 49Page - National Semiconductor (TI) DP83902A Datasheet HTML 50Page - National Semiconductor (TI) DP83902A Datasheet HTML 51Page - National Semiconductor (TI) DP83902A Datasheet HTML 52Page - National Semiconductor (TI) DP83902A Datasheet HTML 53Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
130 Bus Arbitration and Timing (Continued)
SLAVE MODE TIMING
When CS is low the ST-NIC becomes a bus slave The CPU
can then read or write any internal registers All register
accesses are byte wide The timing for register access is
shown below The host CPU accesses internal registers
with four address lines RA0 – RA3 SRD and SWR strobes
ADS0 is used to latch the address when interfacing to a
multiplexed address data bus Since the ST-NIC may be a
local bus master when the host CPU attempts to read or
write to the controller an ACK line is used to hold off the
CPU until the ST-NIC leaves master mode Some number of
BSCK cycles is also required to allow the ST-NIC to syn-
chronize to the read or write cycles
Write to Register
TLF11157 – 31
Read from Register
TLF11157 – 32
TIME BETWEEN CHIP SELECTS
The ST-NIC requires that successive chip selects be no
closer than 4 bus clocks (BSCK) together If the condition is
violated the ST-NIC may glitch ACK CPUs that operate
from pipelined instructions (ie 386) or have a cache (ie
486) can execute consecutive IO cycles very quickly The
solution is to delay the execution of consecutive IO cycles
by either breaking the pipeline or forcing the CPU to access
outside its cache
Time between Chip Selects
TLF11157 – 63
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com