Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 14Page - National Semiconductor (TI) DP83902A Datasheet HTML 15Page - National Semiconductor (TI) DP83902A Datasheet HTML 16Page - National Semiconductor (TI) DP83902A Datasheet HTML 17Page - National Semiconductor (TI) DP83902A Datasheet HTML 18Page - National Semiconductor (TI) DP83902A Datasheet HTML 19Page - National Semiconductor (TI) DP83902A Datasheet HTML 20Page - National Semiconductor (TI) DP83902A Datasheet HTML 21Page - National Semiconductor (TI) DP83902A Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 70 page
background image
70 Packet Reception (Continued)
6 Place the ST-NIC in either mode 1 or mode 2 loopback
This can be accomplished by setting bits D2 and D1 of
the Transmit Configuration Register to ‘‘01’’ or ‘‘10’’
respectively
7 Issue the START command to the ST-NIC This can be
accomplished by writing 22H to the Command Register
This is necessary to activate the ST-NIC’s Remote DMA
channel
8 Remove one or more packets from the receive buffer
ring
9 Reset the overwrite warning (OVW overflow) bit in the
Interrupt Status Register
10 Take the ST-NIC out of loopback This is done by writ-
ing the Transmit Configration Register with the value it
contains during normal operation (Bits D2 and D1
should both be programmed to 0)
11 If the ‘‘Resend’’ variable is set to a 1 reset the ‘‘Re-
send’’ variable and reissue the transmit command This
is done by writing a value of 26H to the Command Reg-
ister If the ‘‘Resend’’ variable is 0 nothing needs to be
done
Note 1
If Remote DMA is not being used the ST-NIC does not need to be
started before packets can be removed from the receive buffer ring Hence
step 8 could be done before step 7
Note 2
When the ST-NIC is in STOP mode the Missed Talley Counter is
disabled
Received Packet Aborted If It Hits Boundary
TLF11157 – 13
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com