Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 2Page - National Semiconductor (TI) DP83902A Datasheet HTML 3Page - National Semiconductor (TI) DP83902A Datasheet HTML 4Page - National Semiconductor (TI) DP83902A Datasheet HTML 5Page - National Semiconductor (TI) DP83902A Datasheet HTML 6Page - National Semiconductor (TI) DP83902A Datasheet HTML 7Page - National Semiconductor (TI) DP83902A Datasheet HTML 8Page - National Semiconductor (TI) DP83902A Datasheet HTML 9Page - National Semiconductor (TI) DP83902A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 70 page
background image
20 Pin Description (Continued)
PQFP
PLCC
AVJG
Pin
IO
Description
Pin No
Pin No
Pin No
Name
BUS INTERFACE PINS
(Continued)
43
45
40
BACK
I
BUS ACKNOWLEDGE
Bus Acknowledge is an active high signal indicating that
the CPU has granted the bus to the DP83902A If immediate bus access is
desired BREQ should be tied to BACK Tying BACK to VCC will result in a
deadlock
45
46
42
BREQ
O
BUS REQUEST
Bus Request is an active high signal used to request the bus for
DMA transfers This signal is automatically generated when the FIFO needs
servicing
52
53
50
RESET
I
RESET
Reset is active low and places the DP83902A in a reset mode
immediately No packets are transmitted or received by the DP83902A until STA
bit is set Affects Command Register Interrupt Mask Register Data Configuration
Register and Transmit Configuration Register The DP83902A will execute reset
within 10 BSCK cycles
NETWORK INTERFACE PINS
47
48
45
POL
O
POLARITY
A TTLMOS active high output This signal is normally in the low
state When the TPI module detects seven consecutive link pulses or three
consecutive received packets with reversed polarity POL is asserted
49
50
47
TXETX
O
TRANSMIT ENABLETRANSMIT
A TTLMOS active high output It is asserted
for approximately 50 ms whenever the DP83902A transmits data in either AUI or
TPI modes
50
51
48
COL
O
COLLISION
A TTLMOS active high output It is asserted for approximately 50
ms whenever the DP83902A detects a collision in either the AUI or TPI modes
51
52
49
TEST
I
FACTORY TEST INPUT
Used to check the chip’s internal functions This should
be tied low during normal operation
55 56
54 55
54 55
TXOdb
O
TWISTED PAIR TRANSMIT OUTPUTS
These high drive CMOS level outputs
58 59
56 57
56 57
TXOa
are resistively combined external to the chip to produce a differential output
TXOb
signal with equalization to compensate for Intersymbol Interference (ISI) on the
TXOda
twisted pair medium
64 65
61 62
61 62
RXIa
I
TWISTED PAIR RECEIVE INPUTS
These inputs feed a differential amplifier
RXIb
which passes valid data to the ENDEC module
69
67
65
GDLNK
IO
GOOD LINKLINK DISABLE
This pin has a dual function both input and output
LNKDIS
The function is latched by the DP83902A on the rising edge of the Reset signal
ie on the chip returning to normal operation after reset
As an output this pin is configured as an open drain N-channel device and is
suitable for driving a LED It will be latched as output on removal of chip reset if
connected to a LED or left open circuit Under normal conditions (the twisted pair
link is not broken) the output will be low and the LED will be lit The open drain
output will be switched off if the twisted pair link has been detected to be broken
It is recommended that the color of the LED be green This output will be pulled
high in AUI mode by an internal resistor of approximately 15 kX
When this pin which has an internal pull-up resistor to VDD is tied low it becomes
an input and the link integrity checking is disabled
73
70
SQSEL
I
TPI SQUELCH SELECT
This pin selects the TPI module input squelch
thresholds When tied low the input squelch threshold on the RXIg inputs
complies to 10BASE-T specification When set high the RXIg input operates
with reduced squelch levels allowing its use with longer lengths of cable or cable
with higher losses If this pin is left unconnected an internal pulldown causes the
ST-NIC’s TPI to default to the higher squelch level
70
68
66
20 MHz
O
20 MHz
This is a TTLMOS level signal It is a buffered version of the oscillator
X2 It is suitable to drive external logic
71
69
67
X1
I
EXTERNAL OSCILLATOR INPUT
72
70
69
GND
I
GROUNDX2
If an oscillator is used this pin should be tied to ground and if a
X2
crystal is used this pin should be tied directly to the crystal
74
71
71
SEL
I
MODE SELECT
When high TXa and TXb are the same voltage in the idle
state When low Transmita is positive with respect to Transmitb in the idle
state at the transformer’s primary
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com