Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 12Page - National Semiconductor (TI) DP83902A Datasheet HTML 13Page - National Semiconductor (TI) DP83902A Datasheet HTML 14Page - National Semiconductor (TI) DP83902A Datasheet HTML 15Page - National Semiconductor (TI) DP83902A Datasheet HTML 16Page - National Semiconductor (TI) DP83902A Datasheet HTML 17Page - National Semiconductor (TI) DP83902A Datasheet HTML 18Page - National Semiconductor (TI) DP83902A Datasheet HTML 19Page - National Semiconductor (TI) DP83902A Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 70 page
background image
70 Packet Reception (Continued)
LINKING RECEIVE BUFFER PAGES
If the length of the packet exhausts the first 256-byte buffer
the DMA performs a forward link to the next buffer to store
the remainder of the packet For a maximum length packet
the buffer logic will link six buffers to store the entire packet
Buffers cannot be skipped when linking therefore a packet
will always be stored in contiguous buffers Before the next
buffer can be linked the Buffer Management Logic per-
forms two comparisons The first comparison tests for
equality between the DMA address of the next buffer and
the contents of the Page Stop Register If the buffer ad-
dress equals the Page Stop Register the buffer manage-
ment logic will restore the DMA to the first buffer in the
Receive Buffer Ring value programmed in the Page Start
Address Register The second comparison tests for equality
between the DMA address of the next buffer address and
the contents of the Boundary Pointer Register If the two
values are equal the reception is aborted The Boundary
Pointer Register can be used to protect against overwriting
any area in the receive buffer ring that has not yet been
read When linking buffers buffer management will never
cross this pointer effectively avoiding any overwrites If the
buffer address does not match either the Boundary Pointer
or Page Stop Address the link to the next buffer is per-
formed
Linking Receive Buffer Pages
TLF11157 – 12
1) Check for e to PSTOP
2) Check for e to Boundary
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com