Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP83902A Datasheet HTML 1Page - National Semiconductor (TI) DP83902A Datasheet HTML 2Page - National Semiconductor (TI) DP83902A Datasheet HTML 3Page - National Semiconductor (TI) DP83902A Datasheet HTML 4Page - National Semiconductor (TI) DP83902A Datasheet HTML 5Page - National Semiconductor (TI) DP83902A Datasheet HTML 6Page - National Semiconductor (TI) DP83902A Datasheet HTML 7Page - National Semiconductor (TI) DP83902A Datasheet HTML 8Page - National Semiconductor (TI) DP83902A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
General Description (Continued)
The Media Access Control function which is provided by the
Network Interface Control module (NIC) provides simple
and efficient packet transmission and reception control by
means of unique dual DMA channels and an internal FIFO
Bus arbitration and memory control logic are integrated to
reduce board cost and area overheads
DP83902A provides a comprehensive single chip solution
for 10BASE-T IEEE 8023 networks and is designed for
easy interface to other transceivers via the AUI interface
Due to the inherent constraints of CMOS processing isola-
tion is required at the AUI differential signal interface for
10BASE5 and 10BASE2 applications Capacitive or induc-
tive isolation may be used
Table Of Contents
10 SYSTEM DIAGRAM
20 PIN DESCRIPTION
30 BLOCK DIAGRAM
40 FUNCTIONAL DESCRIPTION
50 TRANSMITRECEIVE PACKET
ENCAPSULATIONDECAPSULATION
60 DIRECT MEMORY ACCESS CONTROL (DMA)
70 PACKET RECEPTION
80 PACKET TRANSMISSION
90 REMOTE DMA
100 INTERNAL REGISTERS
110 INITIALIZATION PROCEDURES
120 LOOPBACK DIAGNOSTICS
130 BUS ARBITRATION AND TIMING
140 PRELIMINARY ELECTRICAL CHARACTERISTICS
150 SWITCHING CHARACTERISTICS
160 AC TIMING TEST CONDITIONS
170 PHYSICAL DIMENSIONS
Connection Diagrams
TLF11157 – 2
Order Number DP83902AV
See NS Package Number V84A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com