Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 17Page - National Semiconductor (TI) DP83902A Datasheet HTML 18Page - National Semiconductor (TI) DP83902A Datasheet HTML 19Page - National Semiconductor (TI) DP83902A Datasheet HTML 20Page - National Semiconductor (TI) DP83902A Datasheet HTML 21Page - National Semiconductor (TI) DP83902A Datasheet HTML 22Page - National Semiconductor (TI) DP83902A Datasheet HTML 23Page - National Semiconductor (TI) DP83902A Datasheet HTML 24Page - National Semiconductor (TI) DP83902A Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 70 page
background image
70 Packet Reception (Continued)
REMOVING PACKETS FROM THE RING
Packets are removed from the ring using the Remote DMA
or an external device When using the Remote DMA the
Send Packet command can be used This programs the Re-
mote DMA to automatically remove the received packet
pointed to by the Boundary Pointer At the end of the trans-
fer the ST-NIC moves the Boundary Pointer freeing addi-
tional buffers for reception The Boundary Pointer can also
be moved manually by programming the Boundary Register
The ST-NIC knows the difference between an empty buffer
ring and a full buffer ring This situation is seen when the
Boundary Pointer (BNDRY) and the Current Page Pointer
(CURR) point to the same address If BNDRY caught up
with CURR the buffer is empty and if CURR caught up with
BNDRY the buffer is full
STORAGE FORMAT FOR RECEIVED PACKETS
The following diagrams describe the format for how re-
ceived packets are placed into memory by the local DMA
channel These modes are selected in the Data Configura-
tion Register
AD15
AD8 AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 1
Receive Byte Count 0
Byte 2
Byte 1
BOS e 0 WTS e 1 in Data Configuration Register This format is used with
Series 32xxx or 680x0 processors
AD15
AD8 AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 0
Receive Byte Count 1
Byte 1
Byte 2
BOS e 1 WTS e 1 in Data Configuration Register This format is used with
680x0 type processors (Note The Receive Count ordering remains the
same for BOS e 0or1 )
Receive Status
Next Packet Pointer
Receive Byte Count 0
Receive Byte Count 1
Byte 0
Byte 1
BOS e 0 WTS e 0 in Data Configuration Register This format is used with
general 8-bit processors
1st Received Packet Removed by Remote DMA
TLF11157 – 16
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com