Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 33Page - National Semiconductor (TI) DP83902A Datasheet HTML 34Page - National Semiconductor (TI) DP83902A Datasheet HTML 35Page - National Semiconductor (TI) DP83902A Datasheet HTML 36Page - National Semiconductor (TI) DP83902A Datasheet HTML 37Page - National Semiconductor (TI) DP83902A Datasheet HTML 38Page - National Semiconductor (TI) DP83902A Datasheet HTML 39Page - National Semiconductor (TI) DP83902A Datasheet HTML 40Page - National Semiconductor (TI) DP83902A Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
110 Initialization Procedures
The ST-NIC must be initialized prior to transmission or re-
ception of packets from the network Power on reset is ap-
plied to the ST-NIC’s reset pin This clearssets the follow-
ing bits
Register
Reset Bits
Set Bits
Command Register (CR)
TXP STA
RD2 STP
Interrupt Status (ISR)
RST
Interrupt Mask (IMR)
All Bits
Data Control (DCR)
LAS
Transmit Config (TCR)
LB1 LB0
The ST-NIC remains in its reset state until a Start Command
is issued This guarantees that no packets are transmitted
or received and that the ST-NIC remains a bus slave until all
appropriate internal registers have been programmed After
initialization the STP bit of the command register is reset
and packets may be received and transmitted
Initialization Sequence
The following initialization procedure is mandatory
1 Program Command Register for Page 0 (Command
Register e 21H)
2 Initialize Data Configuration Register (DCR)
3 Clear Remote Byte Count Registers (RBCR0 RBCR1)
4 Initialize Receive Configuration Register (RCR)
5 Place the ST-NIC in LOOPBACK mode 1 or 2 (Transmit
Configuration Register e 02H or 04H)
6 Initialize
Receive
Buffer
Ring
Boundary
Pointer
(BNDRY)
Page Start (PSTART)
and Page Stop
(PSTOP)
7 Clear Interrupt Status Register (ISR) by writing 0FFH to
it
8 Initialize Interrupt Mask Register (IMR)
9 Program Command Register for page 1 (Command
Register e 61H)
I) Initialize Physical Address Registers (PAR0 – PAR5)
II) Initialize Multicast Address Registers (MAR0 – MAR5)
III) Initialize CURRent pointer
10 Put ST-NIC in START mode (Command Register e
22H)
11 Initialize the Transmit Configuration Register for the in-
tended value The ST-NIC is now ready for transmission
and reception
Before receiving packets the user must specify the location
of the Receive Buffer Ring This is programmed in the Page
Start and Page Stop Registers In addition the Boundary
and Current Page Register must be initialized to the value of
the Page Start Register These registers will be modified
during reception of packets
120 Loopback Diagnostics
Three forms of local loopback are provided on the ST-NIC
The user has the ability to loopback through the deserializer
on the controller through the ENDEC module or the Trans-
ceiver Because of the half duplex architecture of the
ST-NIC loopback testing is a special mode of operation
with the following restrictions
Restrictions During Loopback
The FIFO is split into two halves one half is used for trans-
mission and the other for reception Only 8-bit fields can be
fetched from memory so two tests are required for 16-bit
systems to verify integrity of the entire data path During
loopback the maximum latency from the assertion of BREQ
to BACK is 20 ms Systems that wish to use the loopback
test but do not meet this latency can limit the loopback to
7 bytes without experiencing underflow
Only the last
8 bytes of the loopback packet are retained in the FIFO
The last 8 bytes can be read through the FIFO register
which will advance through the FIFO to allow reading the
receive packet sequentially
Destination Address e (6 Bytes) Station Physical Address
Source Address
l
Length
2 Bytes
Data
e
46 to 1500 Bytes
CRC
Appended by ST-NIC
if CRC e ‘‘0’’ in TCR
When in word-wide mode with Byte Order Select set the
loopback packet must be assembled in the even byte loca-
tion as shown below (Loopback only operates with byte
wide transfers)
TLF11157 – 54
When in word-wide mode with Byte Order Select low the
following format must be used for the loopback packet
TLF11157 – 55
Note
When using loopback in word mode 2n bytes must be programmed in
TBCR0 1 Where n e actual number of bytes assembled in even or
odd location
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com