Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 34Page - National Semiconductor (TI) DP83902A Datasheet HTML 35Page - National Semiconductor (TI) DP83902A Datasheet HTML 36Page - National Semiconductor (TI) DP83902A Datasheet HTML 37Page - National Semiconductor (TI) DP83902A Datasheet HTML 38Page - National Semiconductor (TI) DP83902A Datasheet HTML 39Page - National Semiconductor (TI) DP83902A Datasheet HTML 40Page - National Semiconductor (TI) DP83902A Datasheet HTML 41Page - National Semiconductor (TI) DP83902A Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 70 page
background image
120 Loopback Diagnostics (Continued)
To initiate a loopback the user first assembles the loopback
packet then selects the type of loopback using the Transmit
Configuration register bits LB0 LB1 The transmit configura-
tion register must also be set to enable or disable CRC gen-
eration during transmission The user then issues a normal
transmit command to send the packet During loopback the
receiver checks for an address match and if CRC bit in the
TCR is set the receiver will also check the CRC The last 8
bytes of the loopback packet are buffered and can read out
of the FIFO using the FIFO read port
Loopback Modes
MODE 1
Loopback through the NIC Module (LB1 e 0
LB0 e 1) If this loopback is used the NIC Modules’s serial-
izer is connected to the deserializer
MODE 2
Loopback through the ENDEC Module (LB1 e 1
LB0 e 0) If the loopback is to be performed through the
SNI the ST-NIC provides a control (LPBK) that forces the
ENDEC module to loopback all signals
MODE 3
Loopback to cable (LB1 e 1 LB0 e 1) Packets
can be transmitted to the cable in loopback mode to check
all of the transmit and receive paths and the cable itself
Note
Collision and Carrier Sense can be generated by the ENDEC module
and are masked by the NIC module It is not possible to go directly
between the loopback modes it is necessary to return to normal oper-
ation (00H) when changing modes
Reading the Loopback Packet
The last 8 bytes of a received packet can be examined by 8
consecutive reads of the FIFO register The FIFO pointer is
incremented after the rising edge of the CPU’s read strobe
by internally synchronizing and advancing the pointer This
may take up to four bus clock cycles if the pointer has not
been incremented by the time the CPU reads the FIFO reg-
ister again the ST-NIC will insert wait states
Note
The FIFO may only be read during Loopback Reading the FIFO at
any other time will cause the ST-NIC to malfunction
Alignment of the Received Packet in the FIFO
Reception of the packet in the FIFO begins at location zero
after the FIFO pointer reaches the last location in the FIFO
the pointer wraps to the top of the FIFO overwriting the
previously received data This process is continued until the
last byte is received The ST-NIC then appends the received
byte count in the next two locations of the FIFO The con-
tents of the Upper Byte Count are also copied to the next
FIFO location The number of bytes used in the loopback
packet determines the alignment of the packet in the FIFO
The alignment for a 64-byte packet is shown below
FIFO
FIFO
Location
Contents
0
Lower Byte Count
First Byte Read
1
Upper Byte Count
Second Byte Read
2
Upper Byte Count

3
Last Byte

4
CRC1

5
CRC2

6
CRC3

7
CRC4
Last Byte Read
For the following alignment in the FIFO the packet length
should be (N x 8) a 5 Bytes Note that if the CRC bit in the
TCR is set CRC will not be appended by the transmitter If
the CRC is appended by the transmitter the 1st four bytes
bytes N-3 to N correspond to the CRC
FIFO
FIFO
Location
Contents
0
Byte N-4
First Byte Read
1
Byte N-3 (CRC1)
Second Byte Read
2
Byte N-2 (CRC2)

3
Byte N-1 (CRC3)

4
Byte N (CRC4)

5
Lower Byte Count

6
Upper Byte Count
Last Byte Read
7
Upper Byte Count
LOOPBACK TESTS
Loopback capabilities are provided to allow certain tests to
be performed to validate operation of the DP83902A ST-
NIC prior to transmitting and receiving packets on a live
network Typically these tests may be performed during
power up of a node The diagnostic provides support to veri-
fy the following
1 Verify integrity of data path Received data is checked
against transmitted data
2 Verify the CRC logic’s capability to generate good CRC
on transmit verify CRC on receive (good or bad CRC)
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com