Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 19Page - National Semiconductor (TI) DP83902A Datasheet HTML 20Page - National Semiconductor (TI) DP83902A Datasheet HTML 21Page - National Semiconductor (TI) DP83902A Datasheet HTML 22Page - National Semiconductor (TI) DP83902A Datasheet HTML 23Page - National Semiconductor (TI) DP83902A Datasheet HTML 24Page - National Semiconductor (TI) DP83902A Datasheet HTML 25Page - National Semiconductor (TI) DP83902A Datasheet HTML 26Page - National Semiconductor (TI) DP83902A Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
90 Remote DMA
The Remote DMA channel is used to both assemble pack-
ets for transmission and to remove received packets from
the Receive Buffer Ring It may also be used as a general
purpose slave DMA channel for moving blocks of data or
commands between host memory and local buffer memory
There are three modes of operation Remote Write Remote
Read or Send Packet
Two register pairs are used to control the Remote DMA a
Remote Start Address (RSAR0 RSAR1) register pair and a
Remote Byte Count (RBCR0 RBCR1) register pair The
Start Address Register pair points to the beginning of the
block to be moved while the Byte Count Register pair is
used to indicate the number of bytes to be transferred Full
handshake logic is provided to move data between local
buffer memory and a bidirectional IO port
REMOTE WRITE
A Remote Write transfer is used to move a block of data
from the host into local buffer memory The Remote DMA
will read data from the IO port and sequentially write it to
local buffer memory beginning at the Remote Start Address
The DMA Address will be incremented and the Byte Coun-
ter will be decremented after each transfer The DMA is
terminated when the Remote Byte Count Register reaches
zero
REMOTE READ
A Remote Read transfer is used to move a block of data
from local buffer memory to the host The Remote DMA will
sequentially read data from the local buffer memory begin-
ning at the Remote Start Address and write data to the IO
port The DMA Address will be incremented and the Byte
Counter will be decremented after each transfer The DMA
is terminated when the Remote Byte Count Register reach-
es zero
SEND PACKET COMMAND
The Remote DMA channel can be automatically initialized
to transfer a single packet from the Receive Buffer Ring
The CPU begins this transfer by issuing a ‘‘Send Packet’’
Command The DMA will be initialized to the value of the
Boundary Pointer Register and the Remote Byte Count
Register pair (RBCR0 RBCR1) will be initialized to the value
of the Receive Byte Count fields found in the Buffer Header
of each packet After the data is transferred the Boundary
Pointer is advanced to allow the buffers to be used for new
receive packets The Remote Read will terminate when the
Byte Count equals zero The Remote DMA is then prepared
to read the next packet from the Receive Buffer Ring If the
DMA pointer crosses the Page Stop Register it is reset to
the Page Start Address This allows the Remote DMA to
remove packets that have wrapped around to the top of the
Receive Buffer Ring
Note 1
In order for the ST-NIC to correctly execute the Send Packet Com-
mand the upper Remote Byte Count Register (RBCR1) must first
be loaded with 0FH
Note 2
The Send Packet command cannot be used with 680x0 type proc-
essors
Remote DMA Autoinitialization from Buffer Ring
TLF11157 – 17
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com