Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 31 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 31 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 27Page - National Semiconductor (TI) DP83902A Datasheet HTML 28Page - National Semiconductor (TI) DP83902A Datasheet HTML 29Page - National Semiconductor (TI) DP83902A Datasheet HTML 30Page - National Semiconductor (TI) DP83902A Datasheet HTML 31Page - National Semiconductor (TI) DP83902A Datasheet HTML 32Page - National Semiconductor (TI) DP83902A Datasheet HTML 33Page - National Semiconductor (TI) DP83902A Datasheet HTML 34Page - National Semiconductor (TI) DP83902A Datasheet HTML 35Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
100 Internal Registers (Continued)
103 REGISTER DESCRIPTIONS
(Continued)
TRANSMIT STATUS REGISTER (TSR)
04H (READ)
This register records events that occur on the media during transmission of a packet It is cleared when the next transmission is
initiated by the host All bits remain low unless the event that corresponds to a particular bit occurs during transmission Each
transmission should be followed by a read of this register The contents of this register are not specified until after the first
transmission
76543210
OWC
CDH
FU
CRS
ABT
COL
PTX
Bit
Symbol
Description
D0
PTX
Packet Transmitted
Indicates transmission without error (No excessive collisions or FIFO
underrun) (ABT e ‘‘0’’ FU e ‘‘0’’)
D1
Reserved
Reserved
D2
COL
Transmit Collided
Indicates that the transmission collided at least once with another station on
the network The number of collisions is recorded in the Number of Collisions Registers (NCR)
D3
ABT
Transmit Aborted
Indicates the ST-NIC aborted transmission because of excessive collisions
(Total number of transmissions including original transmission attempt equals 16)
D4
CRS
Carrier Sense Lost
This bit is set when carrier is lost during transmission of the packet
Transmission is not aborted on loss of carrier
D5
FU
FIFO Underrun
If the ST-NIC cannot gain access of the bus before the FIFO empties this bit is
set Transmission of the packet will be aborted
D6
CDH
CD Heartbeat
Failure of the transceiver to transmit a collision signal after transmission of a
packet will set this bit The Collision Detect (CD) heartbeat signal must commence during the first
64 ms of the Interframe Gap following a transmission In certain collisions the CD Heartbeat bit
will be set even though the transceiver is not performing the CD heartbeat test
D7
OWC
Out of Window Collision
Indicates that a collision occurred after a slot time (512 ms)
Transmissions rescheduled as in normal collisions
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com