Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 31Page - National Semiconductor (TI) DP83902A Datasheet HTML 32Page - National Semiconductor (TI) DP83902A Datasheet HTML 33Page - National Semiconductor (TI) DP83902A Datasheet HTML 34Page - National Semiconductor (TI) DP83902A Datasheet HTML 35Page - National Semiconductor (TI) DP83902A Datasheet HTML 36Page - National Semiconductor (TI) DP83902A Datasheet HTML 37Page - National Semiconductor (TI) DP83902A Datasheet HTML 38Page - National Semiconductor (TI) DP83902A Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
100 Internal Registers (Continued)
106 LOCAL DMA RECEIVE REGISTERS
PAGE START AND STOP REGISTERS (PSTART PSTOP)
The Page Start and Page Stop Registers program the start-
ing and stopping address of the Receive Buffer Ring Since
the ST-NIC uses fixed 256-byte buffers aligned on page
boundaries only the upper 8 bits of the start and stop ad-
dress are specified
PSTART PSTOP Bit Assignment
PSTOP
PSTART
76543210
A15 A14 A13 A12 A11 A10
A9
A8
BOUNDARY (BNRY) REGISTER
This register is used to prevent overflow of the Receive
Buffer Ring Buffer management compares the contents of
this register to the next buffer address when linking buffers
together If the contents of this register match the next buff-
er address the Local DMA operation is aborted
76543210
BNRY
A15
A14
A13
A12
A11
A10
A9
A8
CURRENT PAGE REGISTER (CURR)
This register is used internally by the Buffer Management
Logic as a backup register for reception CURR contains the
address of the first buffer to be used for a packet reception
and is used to restore DMA pointers in the event of receive
errors This register is initialized to the same value as
PSTART and should not be written to again unless the con-
troller is Reset
76543210
CURR
A15
A14
A13
A12
A11
A10
A9
A8
CURRENT LOCAL DMA REGISTER 01 (CLDA0 1)
These two registers can be accessed to determine the cur-
rent local DMA address
76543210
CLDA1
A15
A14
A13
A12
A11
A10
A9
A8
76543210
CLDA0
A7
A6
A5
A4
A3
A2
A1
A0
107 REMOTE DMA REGISTERS
REMOTE START ADDRESS REGISTERS (RSAR0 1)
Remote DMA operations are programmed via the Remote
Start Address (RSAR0
1) and Remote Byte Count
(RBCR0 1) registers The Remote Start Address is used to
point to the start of the block of data to be transferred and
the Remote Byte Count is used to indicate the length of the
block (in bytes)
76543210
RSAR1
A15
A14
A13
A12
A11
A10
A9
A8
76543210
RSAR0
A7
A6
A5
A4
A3
A2
A1
A0
REMOTE BYTE COUNT REGISTERS (RBCR0 1)
76543210
RBCR1 BC15 BC14 BC13 BC12 BC11 BC10 BC9
BC8
76543210
RBCR0 BC7
BC6
BC5
BC4
BC3
BC2
BC1
BC0
Note
RSAR0 programs the start address bits A0–A7
RSAR1 programs the start address bits A8–A15
Address incremented by two for word transfers and by one for byte
transfers Byte Count decremented by two for word transfers and by
one for byte transfers
RBCR0 programs LSB byte count
RBCR1 programs MSB byte count
CURRENT REMOTE DMA ADDRESS (CRDA0 CRDA1)
The Current Remote DMA Registers contain the current ad-
dress of the Remote DMA The bit assignment is shown
below
76543210
CRDA1 A15
A14
A13
A12
A11
A10
A9
A8
76543210
CRDA0
A7
A6
A5
A4
A3
A2
A1
A0
108 PHYSICAL ADDRESS REGISTERS (PAR0 – PAR5)
The physical address registers are used to compare the
destination address of incoming packets for rejecting or ac-
cepting packets Comparisons are performed on a byte-
wide basis The bit assignment shown below relates the se-
quence in PAR0 – PAR5 to the bit sequence of the received
packet
D7
D6
D5
D4
D3
D2
D1
D0
PAR0 DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
PAR1 DA15 DA14 DA13 DA12 DA11 DA10 DA9
DA8
PAR2 DA23 DA22 DA21 DA20 DA19 DA18 DA17 DA16
PAR3 DA31 DA30 DA29 DA28 DA27 DA26 DA25 DA24
PAR4 DA39 DA38 DA37 DA36 DA35 DA34 DA33 DA32
PAR5 DA47 DA46 DA45 DA44 DA43 DA42 DA41 DA40
Destination Address
Source
PS DA0 DA1 DA2 DA3
DA46 DA47 SA0
Note
PS e Preamble Synch
DA0 e PhysicalMulticast Bit
109 MULTICAST ADDRESS REGISTERS (MAR0 – MAR7)
The multicast address registers provide filtering of multicast
addresses hashed by the CRC logic All destination ad-
dresses are fed through the CRC logic and as the last bit of
the destination address enters the CRC the 6 most signifi-
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com