Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 37Page - National Semiconductor (TI) DP83902A Datasheet HTML 38Page - National Semiconductor (TI) DP83902A Datasheet HTML 39Page - National Semiconductor (TI) DP83902A Datasheet HTML 40Page - National Semiconductor (TI) DP83902A Datasheet HTML 41Page - National Semiconductor (TI) DP83902A Datasheet HTML 42Page - National Semiconductor (TI) DP83902A Datasheet HTML 43Page - National Semiconductor (TI) DP83902A Datasheet HTML 44Page - National Semiconductor (TI) DP83902A Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
130 Bus Arbitration and Timing
The ST-NIC operates in three possible modes
 BUS MASTER (WHILE PERFORMING DMA)
 BUS SLAVE (WHILE BEING ACCESSED BY CPU)
 IDLE
TLF11157 – 21
Upon power-up the ST-NIC is in an indeterminate state Af-
ter receiving a hardware reset the ST-NIC is a bus slave in
the Reset State the receiver and transmitter are both dis-
abled in this state The reset state can be re-entered under
three conditions soft reset (Stop Command) hard reset
(RESET input) or an error that shuts down the receiver of
transmitter (FIFO underflow or overflow) After initialization
of registers the ST-NIC is issued a Start command and the
ST-NIC enters Idle state Until the DMA is required the
ST-NIC remains in idle state The idle state is exited by a
request from the FIFO on the case of receiver or transmit or
from the Remote DMA in the case of Remote DMA
operation After acquiring the bus in a BREQBACK hand-
shake the Remote or Local DMA transfer is completed and
the ST-NIC re-enters the idle state
DMA TRANSFERS TIMING
The DMA can be programmed for the following types of
transfers
16-Bit Address 8-bit Data Transfer
16-Bit Address 16-bit Data Transfer
32-Bit Address 8-bit Data Transfer
32-Bit Address 16-bit Data Transfer
All DMA transfers use BSCK for timing 16-Bit Address
modes require 4 BSCK cycles as shown below
16-Bit Address 8-Bit Data
TLF11157 – 22
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com