Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83902A Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902A
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902A Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP83902A Datasheet HTML 3Page - National Semiconductor (TI) DP83902A Datasheet HTML 4Page - National Semiconductor (TI) DP83902A Datasheet HTML 5Page - National Semiconductor (TI) DP83902A Datasheet HTML 6Page - National Semiconductor (TI) DP83902A Datasheet HTML 7Page - National Semiconductor (TI) DP83902A Datasheet HTML 8Page - National Semiconductor (TI) DP83902A Datasheet HTML 9Page - National Semiconductor (TI) DP83902A Datasheet HTML 10Page - National Semiconductor (TI) DP83902A Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
20 Pin Description (Continued)
PQFP
PLCC
AVJG
Pin
IO
Description
Pin No
Pin No
Pin No
Name
NETWORK INTERFACE PINS
(Continued)
75
72
72
AUI
I
AUITPI SELECT
A TTL level active high input that selects either the
TPI
AUI interface or the TPI module for interface with the ENDEC module
When high the AUI is selected when low the TPI is selected
76 77
73 74
74 75
TXb
O
AUI TRANSMIT OUTPUT
Differential driver which sends the encoded
TXa
data to the transceiver The outputs are source followers which require
270X pulldown resistors
82 83
78 79
80 81
RXb
I
AUI RECEIVE INPUT
Differential receive input pair from the
RXa
transceiver
84 85
80 81
82 83
CDb
I
AUI COLLISION INPUT
Differential collision pair input from the
CDa
transceiver
87
83
85
SNISEL
I
FACTORY TEST INPUT
For normal operation tied to VCC When low
enables the ENDEC module to be tested independently of the
DP83902A module
88
84
86
CRS
O
CARRIER SENSERECEIVE
A TTLMOS level active high signal It is
RX
asserted for approximately 50 ms whenever valid transmit or receive
data is detected while in AUI mode or receive data is detected while in
TPI mode
POWER SUPPLY PINS (DIGITAL)
21 46 89
1 27 47
18 43 87
VCC
POSITIVE 5V SUPPLY PINS
20 34 48
2 26 39
17 32 46
GND
NEGATIVE (GROUND) SUPPLY PINS
It is suggested that a
68 90
49 64
64 88
decoupling capacitor be connected between the VCC and GND pins
POWER SUPPLY PINS (ANALOG)
93
4
90
VCC
VCO 5V SUPPLY PIN
Care should be taken to reduce noise on this
pin as it supplies power to the analog VCO to the Phase Lock Loop
92
3
89
GND
VCO GROUND SUPPLY PIN
Care should be taken to reduce noise on
this pin as it supplies ground to the analog VCO to the Phase Lock
Loop
63
60
60
VCC
TPI RECEIVE 5V SUPPLY
Power pin supplies 5V to the Twisted Pair
Interface Receiver
66
63
63
GND
TPI RECEIVE GROUND
Ground pin for the Twisted Pair Interface
Receiver
61
59
59
VCC
TPI TRANSMIT 5V SUPPLY
Power pin supplies 5V to the Twisted Pair
Interface Transmitter
60
58
58
GND
TPI TRANSMIT GROUND
Ground pin for the Twisted Pair Interface
Transmitter
81
77
79
VCC
AUI RECEIVE 5V SUPPLY
Power pin supplies 5V to the AUI Interface
Receiver
86
82
84
GND
AUI RECEIVE GROUND
Ground pin for the AUI Interface Receiver
80
76
77
VCC
AUI TRANSMIT 5V SUPPLY
Power pin supplies 5V to AUI Interface
Transmitter
79
75
76
GND
AUI TRANSMIT GROUND
Ground pin for the AUI Interface
Transmitter
NO CONNECTION
3 9 13 16
24 25
1 5 8 16
NC
NO CONNECTION Do not connect to these pins
19 24 35 38
65 66
19 24 33
40 44 53 54
38 41 44
57 62 67 78
51 52 53
91 94 97
68 70 73
78 91 94
97
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com