Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 16Page - National Semiconductor (TI) PC87393 Datasheet HTML 17Page - National Semiconductor (TI) PC87393 Datasheet HTML 18Page - National Semiconductor (TI) PC87393 Datasheet HTML 19Page - National Semiconductor (TI) PC87393 Datasheet HTML 20Page - National Semiconductor (TI) PC87393 Datasheet HTML 21Page - National Semiconductor (TI) PC87393 Datasheet HTML 22Page - National Semiconductor (TI) PC87393 Datasheet HTML 23Page - National Semiconductor (TI) PC87393 Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 148 page
background image
1.0 Signal/Pin Connection and Description (Continued)
20
www.national.com
1.5.5
Game Port (PC87393 and PC87393F)
1.5.6
General-Purpose Input/Output (GPIO) Ports (PC87392, PC87393 and PC87393F)
1.5.7
Musical Instrument Digital Interface (MIDI) Port (PC87393 and PC87393F)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
JOYAX
98, 76
I/O
INTS/OD12
VDD
Joystick A X-Axis. Indicates X-axis position of joystick .
JOYAY
1, 79
I/O
INTS/OD12
VDD
Joystick A Y-Axis. Indicates Y-axis position of joystick A
JOYABTN0 96, 74
I
INTS
VDD
Joystick A Button 0. Indicates button 0 status of joystick A
JOYABTN1 3, 81
I
INTS
VDD
Joystick A Button 1. Indicates button 1 status of joystick A
JOYBX
99, 77
I/O
INTS/OD12
VDD
Joystick B X-Axis. Indicates X-axis position of joystick B
JOYBY
100, 78 I/O
INTS/OD12
VDD
Joystick BY-Axis. Indicates Y-axis position of joystick B
JOYBBTN0 97, 75
I
INTS
VDD
Joystick B Button 0. Indicates button 0 status of joystick B
JOYBBTN1 2, 80
I
INTS
VDD
Joystick B Button 1. Indicates button 1 status of joystick B
Signal
Pin/s
I/O Buffer Type Power Well
Description
GPIO00-07 3, 2, 1,
100, 99,
98, 97,
96
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 0, bits 0-7. Each pin is configured in-
dependently as input or I/O, with or without static pull-up, and with
either open-drain or totem-pole output type. The port support inter-
rupt assertion and each pin can be enabled or masked as an inter-
rupt source.
GPIO10-17 81, 80,
79, 78,
77, 76,
75, 74
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 1, bits 0-7. Same as Port 0.
GPIO20-27 95, 94,
93, 92,
91, 72,
87, 86
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 2, bits 0-7. Same as Port 0, without
interrupt support.
GPIO30-37 85, 84,
83, 82,
5, 19, 6,
71
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 3, bits 0-7. Same as Port 0, without
interrupt support.
Signal
Pin(s)
I/O Buffer Type Power Well
Description
MDTX
82
O
O3/6
VDD
MIDI Transmit. MIDI serial data output
MDRX
83
I
INTS
VDD
MIDI Receive. MIDI serial data input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com