Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 48 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 44Page - National Semiconductor (TI) PC87393 Datasheet HTML 45Page - National Semiconductor (TI) PC87393 Datasheet HTML 46Page - National Semiconductor (TI) PC87393 Datasheet HTML 47Page - National Semiconductor (TI) PC87393 Datasheet HTML 48Page - National Semiconductor (TI) PC87393 Datasheet HTML 49Page - National Semiconductor (TI) PC87393 Datasheet HTML 50Page - National Semiconductor (TI) PC87393 Datasheet HTML 51Page - National Semiconductor (TI) PC87393 Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
48
www.national.com
2.11.3
FDC Configuration Register
This register is reset by hardware to 24h.
Location:
Index F0h
Type:
R/W
Bit
76543210
Name
Four-Drive
Encode
Enable
TDR
Register
Mode
DENSEL
Polarity
Control
FDC 2Mbps
Enable
Write
Protect
PC-AT or
PS/2 Drive
Mode Select
Reserved
TRI-STATE
Control
Reset
00100100
Bit
Description
7
Four-Drive Encode Enable
0: Two floppy drives are directly controlled by DR1-0, MTR1-0.
1: Four floppy drives are controlled with the aid of an external decoder.
6
TDR Register Mode
0: PC-AT compatible drive mode; i.e., bits 7-2 of the TDR are 111111b (default)
1: Enhanced drive mode
5
DENSEL Polarity Control
0: Active low for 500 Kbps, or 1 or 2 Mbps data rates
1: Active high for 500 Kbps, or 1 or 2 Mbps data rates (default)
4
FDC 2Mbps Enable. This bit is set only when a 2Mbps drive is used.
0: 2Mbps disabled and the FDC clock is 24 MHz (default)
1: 2Mbps enabled and the FDC clock is 48 MHz
3
Write Protect. This bit allows forcing of write protect functionality by software. When set, writes to the floppy
disk drive are disabled. This effect is identical to WP when it is active.
0: Write protected according to WP signal (default)
1: Write protected regardless of value of WP signal
2
PC-AT or PS/2 Drive Mode Select
0: PS/2 drive mode
1: PC-AT drive mode (default)
1
Reserved
0
TRI-STATE Control. When enabled and the device is inactive, the logical device output pins are in TRI-STATE.
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com