Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 89 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 89 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 85Page - National Semiconductor (TI) PC87393 Datasheet HTML 86Page - National Semiconductor (TI) PC87393 Datasheet HTML 87Page - National Semiconductor (TI) PC87393 Datasheet HTML 88Page - National Semiconductor (TI) PC87393 Datasheet HTML 89Page - National Semiconductor (TI) PC87393 Datasheet HTML 90Page - National Semiconductor (TI) PC87393 Datasheet HTML 91Page - National Semiconductor (TI) PC87393 Datasheet HTML 92Page - National Semiconductor (TI) PC87393 Datasheet HTML 93Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 148 page
background image
5.0 Game Port (GMP) (Continued)
89
www.national.com
5.3.3
Game Port Legacy Status Register (GMPLST)
This register is functional in all Game Port operation modes. Reading this register returns the status and the state of Device
A and B button and Axis pins, as defined in the table below. Writing to the offset of this register initiates a game device po-
sition reading process by forcing a low pulse to be driven on the axis pins in Legacy and Enhanced modes, and by initializing
all position counters in Enhanced mode.
Location:
Offset 01h
Type:
RO
Bit
76543210
Name
Device B
Button 1
Pin Status
Device B
Button 0
Pin Status
Device A
Button 1
Pin Status
Device A
Button 0
Pin Status
Device B
Y-Axis Pin
Status
Device B
X-Axis Pin
Status
Device A
Y-Axis Pin
Status
Device A
X-Axis Pin
Status
Reset
XXXXXXXX
Bit
Description
7
Device B Button 1 Pin Status. This bit directly reflects the status of Device B Button 1 input pin.
0: Low
1: High
6
Device B Button 0 Pin Status. This bit directly reflects the status of Device B Button 0 input pin.
0: Low
1: High
5
Device A Button 1 Pin Status. This bit directly reflects the status of Device A Button 1 input pin.
0: Low
1: High
4
Device A Button 0 Pin Status. This bit directly reflects the status of Device A Button 0 input pin.
0: Low
1: High
3
Device B Y-Axis Pin Status. This bit reflects the state of Device B Y-axis input pin.
0: JOYBY pin is driven low
1: JOYBY pin is released for charging
2
Device B X-Axis Pin Status. This bit reflects the state of Device B X-axis input pin.
0: JOYBX pin is driven lowr
1: JOYBX pin is released for charging
1
Device A Y-Axis Pin Status. This bit reflects the state of Device A Y-axis input pin.
0: JOYAY pin is driven low
1: JOYAY pin is released for charging
0
Device A X-Axis Pin Status. This bit reflects the status of Device A X-axis input pin.
0: JOYAX pin is driven low
1: JOYAX pin is released for charging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com