Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 56 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 56 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 52Page - National Semiconductor (TI) PC87393 Datasheet HTML 53Page - National Semiconductor (TI) PC87393 Datasheet HTML 54Page - National Semiconductor (TI) PC87393 Datasheet HTML 55Page - National Semiconductor (TI) PC87393 Datasheet HTML 56Page - National Semiconductor (TI) PC87393 Datasheet HTML 57Page - National Semiconductor (TI) PC87393 Datasheet HTML 58Page - National Semiconductor (TI) PC87393 Datasheet HTML 59Page - National Semiconductor (TI) PC87393 Datasheet HTML 60Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
56
www.national.com
2.15 GENERAL-PURPOSE INPUT/OUTPUT (GPIO) PORTS CONFIGURATION
This section applies to the PC87392, PC87393 and PC87393F only.
2.15.1
General Description
The GPIO functional block includes 32 pins, arranged in four 8-bit ports (ports 0, 1, 2 and 3). All pins in ports 0 and 1 are
I/O, and have full event detection capability, enabling them to trigger the assertion of IRQ and SMI signals. Pins in ports 2
and 3 are I/O, but none of them has event detection capability. The twelve runtime registers associated with the four ports
are arranged in the GPIO address space as shown in Table 23. The GPIO base address is 16-byte aligned. Address bits 3-
0 are used to indicate the register offset.
Table 23. Runtime Registers in GPIO Address Space
2.15.2
Implementation
The standard GPIO port with event detection capability (such as ports 0 and 1) has four runtime registers. Each pin is asso-
ciated with a GPIO Pin Configuration register that includes seven configuration bits. Ports 2 and 3 are non-standard ports
that do not support event detection, and therefore differ from the generic model as follows:
q
They each have two runtime registers for basic functionality: GPDO2/3 and GPDI2/3. Event detection registers
GPEVEN2/3 and GPEVST2/3 are not available.
q
Only bits 3-0 are implemented in the GPIO Pin Configuration registers of ports 2 and 3. Bits 6-4, associated with the
event detection functionality, are reserved.
Offset
Mnemonic
Register Name
Port
Type
00h
GPDO0
GPIO Data Out 0
0
R/W
01h
GPDI0
GPIO Data In 0
RO
02h
GPEVEN0 GPIO Event Enable 0
R/W
03h
GPEVST0 GPIO Event Status 0
R/W1C
04h
GPDO1
GPIO Data Out 1
1
R/W
05h
GPDI1
GPIO Data In 1
RO
06h
GPEVEN1 GPIO Event Enable 1
R/W
07h
GPEVST1 GPIO Event Status 1
R/W1C
08h
GPDO2
Data Out 2
2
R/W
09h
GPDI2
Data In 2
RO
0Ah
GPDO3
Data Out 3
3
R/W
0Bh
GPDI3
Data In 3
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com