Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 19Page - National Semiconductor (TI) PC87393 Datasheet HTML 20Page - National Semiconductor (TI) PC87393 Datasheet HTML 21Page - National Semiconductor (TI) PC87393 Datasheet HTML 22Page - National Semiconductor (TI) PC87393 Datasheet HTML 23Page - National Semiconductor (TI) PC87393 Datasheet HTML 24Page - National Semiconductor (TI) PC87393 Datasheet HTML 25Page - National Semiconductor (TI) PC87393 Datasheet HTML 26Page - National Semiconductor (TI) PC87393 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 148 page
background image
1.0 Signal/Pin Connection and Description (Continued)
23
www.national.com
1.5.11
Strap Configuration
1.5.12
Wake-Up Control
1.5.13
WATCHDOG Timer
1.5.14
X-Bus Extension (PC87393 and PC87393F)
Signal
Pin/s
I/O Buffer Type Power Well
Description
BADDR
61
I
INSTRP
VDD
Base Address. Sampled at Reset to determine the base
address of the configuration Index-Data register pair, as follows.
No pull-up resistor:
2Eh-2Fh
10K external pull-up resistor:
4Eh-4Fh
TEST
58
I
INSTRP
VDD
Test. Forces the device into test mode if an external pull-up
resistor is connected. Otherwise, the pin is pulled to ‘0’ (zero) by
the internal resistor.
XCNF2-0
90, 4,
59
IINSTRP
VDD
X-Bus Reset Configuration Mode. Forces the X-Bus
transaction to be in one of the following modes: no BIOS, normal
or latch. For details, see Chapter 7.
Pins
2 1 0
Functionality
x 0 0
No BIOS1
x 0 1
Normal Mode, XRDY disabled
0 1 0
Latch Mode, XA12-19, XRDY enabled
1 1 0
Latch Mode, GPIO10-17, XRDY enabled
0 1 1
Latch Mode, XA12-19, XRDY disabled
1 1 1
Latch Mode, GPIO10-17, XRDY disabled
Pulled to 0 by internal resistor, or set to 1 by external 10K pull-up
resistor.
1.
In the PC87391 and PC87392, the XCNFi signals must be set to this value. This is value is guaranteed by
the internal pull-down resistors, as long as the pins are not connected, or the load is small enough.
Signal
Pin/s
I/O Buffer Type Power Well
Description
PWUREQ
66
O
OD6
VDD
Power-Up Request. Active (low) level indicates that wake-up
event has occurred, and causes the chipset to turn the power
supply on, or to exit its current sleep state.
Signal
Pin/s
I/O Buffer Type Power Well
Description
WDO
5
O
OD6,O3/6
VDD
WATCHDOG Out. Low level indicates that the WATCHDOG Timer
has reached its time-out period without being retriggered.
The output type and an optional pull-up are configurable.
Signal
Pin/s
I/O Buffer Type Power Well
Description
XRD
5
O
O3/6
VDD
Read. Active (low) level indicates read cycle on the X-Bus
Extension.
XWR
4
O
O3/6
VDD
Write. Active (low) level indicates write cycle on the X-Bus
Extension.
XIORD
83, 71
O
O3/6
VDD
I/O Read. Active (low) level indicates I/O read cycle on the X-Bus
Extension. This signal is for devices that require separate
read/write inputs for memory and I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com