Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 59 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 59 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 55Page - National Semiconductor (TI) PC87393 Datasheet HTML 56Page - National Semiconductor (TI) PC87393 Datasheet HTML 57Page - National Semiconductor (TI) PC87393 Datasheet HTML 58Page - National Semiconductor (TI) PC87393 Datasheet HTML 59Page - National Semiconductor (TI) PC87393 Datasheet HTML 60Page - National Semiconductor (TI) PC87393 Datasheet HTML 61Page - National Semiconductor (TI) PC87393 Datasheet HTML 62Page - National Semiconductor (TI) PC87393 Datasheet HTML 63Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
59
www.national.com
2.15.5
GPIO Pin Configuration Register
This register reflects, for both read and write, the register currently selected by the GPIO Pin Select register. All the GPIO
Pin registers that are accessed via this register have a common bit structure, as shown below. This register is reset by hard-
ware to 44h, except for ports 2 and 3, that are reset to 04h, and GPIO36 which resets to 00h.
Location:
Index F1h
Type:
R/W
Ports: 0 and 1 (with event detection capability)
Ports 2 and 3 (without event detection capability)
Bit
76543210
Name
Reserved
Event
Debounce
Enable
Event
Polarity
Event Type
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
01000100
Bit
76543210
Name
Reserved
Lock
Pull-Up
Control
Output
Type
Output
Enable
Reset
00000100
Bit
Description
7
Reserved
6
Event Debounce Enable. (Ports 0 and 1 with event detection capability). Enables transferring the signal only
after a predetermined debouncing period of time.
0: Disabled
1: Enabled (default)
Reserved. (Ports 2 and 3). Always 0.
5
Event Polarity. (Ports 0 and 1 with event detection capability). This bit defines the polarity of the signal that
issues an interrupt from the corresponding GPIO pin (falling/low or rising/high).
0: Falling edge or low level input (default)
1: Rising edge or high level input
Reserved. (Ports 2 and 3). Always 0.
4
Event Type. (Ports 0 and 1 with event detection capability). This bit defines the type of the signal that issues an
interrupt from the corresponding GPIO pin (edge or level).
0: Edge input (default)
1: Level input
Reserved. (Ports 2 and 3). Always 0.
3
Lock. This bit locks the corresponding GPIO pin. Once this bit is set to 1 by software, it can only be cleared to
0 by system reset or power-off. Pin multiplexing is functional until the Multiplexing Lock bit is 1 (bit 7 of SuperI/O
Configuration 1 register, SIOCF1).
0: No effect (default)
1: Direction, output type, pull-up and output value locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com