Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 96 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 96 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 92Page - National Semiconductor (TI) PC87393 Datasheet HTML 93Page - National Semiconductor (TI) PC87393 Datasheet HTML 94Page - National Semiconductor (TI) PC87393 Datasheet HTML 95Page - National Semiconductor (TI) PC87393 Datasheet HTML 96Page - National Semiconductor (TI) PC87393 Datasheet HTML 97Page - National Semiconductor (TI) PC87393 Datasheet HTML 98Page - National Semiconductor (TI) PC87393 Datasheet HTML 99Page - National Semiconductor (TI) PC87393 Datasheet HTML 100Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 148 page
background image
96
www.national.com
6.0
Musical Instrument Digital Interface (MIDI) Port
Note: This section applies to the PC87393 and PC87393F only.
6.1
OVERVIEW
This chapter describes a generic MIDI Port. For the implementation used in this device, see the
Device Architecture and
Configuration chapter.
The MIDI Port is an asynchronous receiver/transmitter that uses a two-wire, bi-directional, relatively slow communication
channel to transmit and receive data bytes to or from MIDI-compliant devices, according to a predefined communication pro-
tocol. The MIDI Port is compatible with MPU-401 UART mode.
The MIDI was originally defined to establish a standard interface between computers and digital musical instruments such
as synthesizers, and has become the de facto standard for this purpose. However, the MIDI is also commonly used for other
purposes, such as communicating with advanced game devices.
The MIDI Port serves as a communication pipe between software and a MIDI device. The software and the MIDI device must
interpret the data they exchange, and act accordingly.
The MIDI Port supports the following two feature types:
q
Legacy (MPU-401)
q
Enhanced.
Legacy. These include all features supported by MPU-401 UART mode. They can all be operated via the Legacy I/O ad-
dress space of 2 bytes, traditionally allocated for the MIDI Port.
Enhanced. These features extend the capabilities of the MIDI Port. They can only be operated if the MIDI is allocated with
an address space of at least 3 bytes.
The basic system configuration of the MIDI Port consists of the port itself, a single pull-up resistor for the MDRX pin, and a
MIDI compliant device. This system configuration is shown in Figure 17. The purpose of the pull-up resistor is to make sure
that the MIDI Port senses an inactive (high) MIDI receive signal in the absence of a MIDI device.
Figure 17. MIDI System Configuration
6.2
FUNCTIONAL DESCRIPTION
The MIDI Port consists of five major functional blocks:
q
Internal Bus Interface Unit
q
Port Control and Status Registers
q
Data Buffers and FIFOs
q
MIDI Communication Engine
q
MIDI Signals Routing Control Logic.
See Figure 18 for a block diagram of the MIDI Port.
MIDI
Port
MIDI Transmit
MIDI Receive
Game
Device
MIDI
Device
MIDI Receive
MIDI Transmit
MDRX Pin
MDTX Pin
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com