Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 79Page - National Semiconductor (TI) PC87393 Datasheet HTML 80Page - National Semiconductor (TI) PC87393 Datasheet HTML 81Page - National Semiconductor (TI) PC87393 Datasheet HTML 82Page - National Semiconductor (TI) PC87393 Datasheet HTML 83Page - National Semiconductor (TI) PC87393 Datasheet HTML 84Page - National Semiconductor (TI) PC87393 Datasheet HTML 85Page - National Semiconductor (TI) PC87393 Datasheet HTML 86Page - National Semiconductor (TI) PC87393 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 148 page
background image
4.0 WATCHDOG Timer (WDT) (Continued)
83
www.national.com
4.3.4
WATCHDOG Status Register (WDST)
This register holds the WATCHDOG Timer status, which reflects the value of the WDO pin and indicates that the timeout
period has expired.
On reset or on WATCHDOG Timer activation, this register is initialized to 01h.
Location:
Offset 02h
Type:
RO
4.4
WATCHDOG TIMER REGISTER BITMAP
Bit
76543210
Name
Reserved
WDO Value
Reset
00000001
Required
0
Bit
Description
7-1
Reserved
0
WDO Value. This bit reflects the value of the WDO signal (even if WDO is not configured for output).
0: WDO active
1: WDO inactive (default)
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
WDTO
Programmed Timeout Period
01h
WDMSK
Reserved
Serial Port 2
IRQ
Trigger
Enable
Serial Port 1
IRQ
Trigger
Enable
Reserved
02h
WDST
Reserved
WDO
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com