Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 51 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 51 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 47Page - National Semiconductor (TI) PC87393 Datasheet HTML 48Page - National Semiconductor (TI) PC87393 Datasheet HTML 49Page - National Semiconductor (TI) PC87393 Datasheet HTML 50Page - National Semiconductor (TI) PC87393 Datasheet HTML 51Page - National Semiconductor (TI) PC87393 Datasheet HTML 52Page - National Semiconductor (TI) PC87393 Datasheet HTML 53Page - National Semiconductor (TI) PC87393 Datasheet HTML 54Page - National Semiconductor (TI) PC87393 Datasheet HTML 55Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
51
www.national.com
Table 19. Parallel Port Registers at Second Level Offset
2.12.2
Logical Device 1 (PP) Configuration
Table 20 lists the configuration registers which affect the Parallel Port. Only the last register (F0h) is described here. See
Sections 2.2.3 and 2.2.4 for descriptions of the others.
Table 20. Parallel Port Configuration Registers
Offset
Mnemonic
Type
Register Name
00h
Control0
R/W
Extended Control 0
02h
Control2
R/W
Extended Control 1
04h
Control4
R/W
Extended Control 4
05h
PP Confg0
R/W
Configuration 0
Index
Configuration Register or Action
Type
Reset
30h Activate. See also bit 0 of the SIOCF1 register.
R/W
00h
60h Base Address MSB register. Bits 7-3 (for A15-11) are read only, 00000b. Bit 2 (for
A10) should be 0b.
R/W
02h
61h Base Address LSB register. Bits 1 and 0 (A1 and A0) are read only, 00b. For ECP
Mode 4 (EPP) or when using the Extended registers, bit 2 (A2) should also be 0b.
R/W
78h
70h Interrupt Number and Wake-Up on IRQ Enable register
R/W
07h
71h Interrupt Type
Bits 7-2 are read only.
Bit 1 is a read/write bit.
Bit 0 is read only. It reflects the interrupt type dictated by the Parallel Port operation
mode. This bit is set to 1 (level interrupt) in Extended Mode and cleared (edge
interrupt) in all other modes.
R/W
02h
74h DMA Channel Select
R/W
04h
75h Report no second DMA assignment
RO
04h
F0h Parallel Port Configuration register
R/W
F2h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com