Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 32 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 32 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 28Page - National Semiconductor (TI) PC87393 Datasheet HTML 29Page - National Semiconductor (TI) PC87393 Datasheet HTML 30Page - National Semiconductor (TI) PC87393 Datasheet HTML 31Page - National Semiconductor (TI) PC87393 Datasheet HTML 32Page - National Semiconductor (TI) PC87393 Datasheet HTML 33Page - National Semiconductor (TI) PC87393 Datasheet HTML 34Page - National Semiconductor (TI) PC87393 Datasheet HTML 35Page - National Semiconductor (TI) PC87393 Datasheet HTML 36Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
32
www.national.com
continuous register set. Interrupt Number and Wake-Up on IRQ Enable (index 70h) and IRQ Type Select (index 71h) allocate
an IRQ line to the block and control its type. DMA Channel Select 0 (index 74h) allocates a DMA channel to the block, where
applicable. DMA Channel Select 1 (index 75h) allocates a second DMA channel, where applicable.
Special Configuration
The vendor-defined registers, starting at index F0h, control function-specific parameters such as operation modes, power
saving modes, pin TRI-STATE, clock rate selection, and non-standard extensions to generic functions.
2.2.5
Default Configuration Setup
The default configuration setup of the PC8739x can include two reset types, described below. See specific register descrip-
tions for the bits affected by each reset type.
• Software Reset
This reset is enabled by bit 1 of the SIOCF1 register, which resets all logical devices. A software reset also resets most
bits in the SuperI/O control and configuration registers (see Section 2.10 for the bits not affected). This reset does not
affect register bits that are locked for write access.
• Hardware Reset
This reset is activated by the assertion of the LRESET input. It resets all logical devices. It also resets all SuperI/O control
and configuration registers.
In event of a hardware reset, the PC8739x wakes up with the following default configuration setup:
— The configuration base address is 2Eh or 4Eh, according to the BADDR strap pin value, as shown in Table 5.
— All logical devices are disabled, with the exception of the X-Bus which remains functional but whose registers cannot
be accessed.
— All multiplexed GPIO pins are configured according to the strap pins. When configured as GPIO, they have an internal
static pull-up (default direction is input) except GPIO36.
In event of either a hardware or a software reset, the PC8739x wakes up with the following default configuration setup:
— The legacy devices are assigned with their legacy system resource allocation.
— The National proprietary functions are not assigned with any default resources and the default values of their base
addresses are all 00h.
2.2.6
Power States
The following terminology is used in this document to describe the various possible power states:
• Power On
VDD is active.
• Power Off
VDD is inactive.
2.2.7
Address Decoding
A full 16-bit address decoding is applied when accessing the configuration I/O space as well as the registers of the functional
blocks. However, the number of configurable bits in the base address registers varies for each logical device.
The lower 1, 2, 3, 4 or 5 address bits are decoded within the functional block to determine the offset of the accessed register,
within the logical device’s I/O range of 2, 4, 8, 16 or 32 bytes, respectively. The rest of the bits are matched with the base
address register to decode the entire I/O range allocated to the logical device. Therefore the lower bits of the base address
register are forced to 0 (read only), and the base address is forced to be 2, 4, 8, 16 or 32 byte-aligned, according to the size
of the I/O range.
The base address of the FDC, Serial Port 1, Serial Port 2 with FIR are limited to the I/O address range of 00h to 7FXh only
(bits 11-15 are forced to 0). The Parallel Port base address is limited to the I/O address range of 00h to 3F8h. The addresses
of the non-legacy logical devices, including the GMP, MIDI and X-Bus, are configurable within the full 16-bit address range
(up to FFFXh).
In some special cases, other address bits are used for internal decoding (such as bit 10 in the Parallel Port). For more details,
see the description of the base address register for each logical device.
The X-Bus extension serves as a bridge from the LPC to the X-Bus. For module control and security function registers, the
16-bit base address is applied through the configuration address space. The lower 4 address bits are decoded within the X-
Bus for accessing each register. The address ranges in the LPC I/O space, LPC memory space and FWH memory space
that are bridged to the X-Bus are defined in the SuperI/O configuration section for the X-Bus bridge. The number of address
bits used for this decoding varies according to the specified zones and their sizes. See Section 2.19.2 and Section 2.19.3
for details of the address range specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com