Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 50 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 50 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 46Page - National Semiconductor (TI) PC87393 Datasheet HTML 47Page - National Semiconductor (TI) PC87393 Datasheet HTML 48Page - National Semiconductor (TI) PC87393 Datasheet HTML 49Page - National Semiconductor (TI) PC87393 Datasheet HTML 50Page - National Semiconductor (TI) PC87393 Datasheet HTML 51Page - National Semiconductor (TI) PC87393 Datasheet HTML 52Page - National Semiconductor (TI) PC87393 Datasheet HTML 53Page - National Semiconductor (TI) PC87393 Datasheet HTML 54Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
50
www.national.com
2.12 PARALLEL PORT CONFIGURATION
2.12.1
General Description
The PC8739x Parallel Port supports all IEEE1284 standard communication modes: Compatibility (known also as Standard
or SPP), Bidirectional (known also as PS/2), FIFO, EPP (known also as Mode 4) and ECP (with an optional Extended ECP
mode).
The Parallel Port includes two groups of runtime registers, as follows:
• A group of 21 registers at first level offset, sharing 14 entries. Three of this registers (at offsets 403h, 404h and 405h)
are used only in the Extended ECP mode.
• A group of four registers, used only in the Extended ECP mode, accessed by a second level offset.
The desired mode is selected by the ECR runtime register (offset 402h). The selected mode determines which runtime reg-
isters are used and which address bits are used for the base address. See Tables 18 and 19 for a listing of all registers, their
offset addresses, and the associated modes.
Table 18. Parallel Port Registers at First Level Offset
Offset
Mnemonic
Mode(s)
Type
Register Name
00h
DATAR
0,1
R/W
Data
AFIFO
3
W
ECP FIFO (Address)
DTR
4
R/W
Data (for EPP)
01h
DSR
0,1,2,3
RO
Status
STR
4
RO
Status (for EPP)
02h
DCR
0,1,2,3
R/W
Control
CTR
4
R/W
Control (for EPP)
03h
ADDR
4
R/W
EPP Address
04h
DATA0
4
R/W
EPP Data Port 0
05h
DATA1
4
R/W
EPP Data Port 1
06h
DATA2
4
R/W
EPP Data Port 2
07h
DATA3
4
R/W
EPP Data Port 3
400h
CFIFO
DFIFO
TFIFO
CNFGA
2
3
6
7
W
R/W
R/W
RO
PP Data FIFO
ECP Data FIFO
Test FIFO
Configuration A
401h
CNFGB
7
RO
Configuration B
402h
ECR
0,1,2,3
R/W
Extended Control
403h
EIR1
1.
These registers are extended to the standard IEEE1284 registers. They
are accessible only when enabled by bit 4 of the Parallel Port Configura-
tion register (see Section 2.12.3).
0,1,2,3
R/W
Extended Index
404h
EDR1
0,1,2,3
R/W
Extended Data
405h
EAR1
0,1,2,3
R/W
Extended Auxiliary Status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com