Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 91Page - National Semiconductor (TI) PC87393 Datasheet HTML 92Page - National Semiconductor (TI) PC87393 Datasheet HTML 93Page - National Semiconductor (TI) PC87393 Datasheet HTML 94Page - National Semiconductor (TI) PC87393 Datasheet HTML 95Page - National Semiconductor (TI) PC87393 Datasheet HTML 96Page - National Semiconductor (TI) PC87393 Datasheet HTML 97Page - National Semiconductor (TI) PC87393 Datasheet HTML 98Page - National Semiconductor (TI) PC87393 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 148 page
background image
5.0 Game Port (GMP) (Continued)
95
www.national.com
5.4
GAME PORT BITMAP
Register
Bits
Offset
Mnemonic
76543210
00h
GMPCTL
Device B
Button 1
Debounce
Enable
Device B
Button 0
Debounce
Enable
Device A
Button 1
Debounce
Enable
Device A
Button 0
Debounce
Enable
Reserved
Device B
Pre-Scale
Enable
Device A
Pre-Scale
Enable
GMP
Enhanced
Mode
Enable
01h
GMPLST
Device B
Button 1
Pin
Status
Device B
Button 0
Pin
Status
Device A
Button 1
Pin
Status
Device A
Button 0
Pin
Status
Device B
Y-Axis Pin
Status
Device B
X-Axis
Pin
Status
Device A
Y-Axis Pin
Status
Device A
X-Axis
Pin
Status
02h
GMPXST
Device B
Button 1
Event
Status
Device B
Button 0
Event
Status
Device A
Button 1
Event
Status
Device A
Button 0
Event
Status
Device B
Y-Position
Counter
Ready
Device B
X-Position
Counter
Ready
Device A
Y-Position
Counter
Ready
Device A
X-Position
Counter
Ready
03h
GMPIEN
Device B
Button 1
IRQ
Enable
Device B
Button 0
IRQ
Enable
Device A
Button 1
IRQ
Enable
Device A
Button 0
IRQ
Enable
Reserved
Position
IRQ
Event
Definition
Device B
Position
IRQ
Enable
Device A
Position
IRQ
Enable
04h
GMPAXL
Device A X-Axis Position Counter Low Byte
05h
GMPAXH
Device A X-Axis Position Counter High Byte
06h
GMPAYL
Device A Y-Axis Position Counter Low Byte
07h
GMPAYH
Device A Y-Axis Position Counter High Byte
08h
GMPBXL
Device B X-Axis Position Counter Low Byte
09h
GMPBXH
Device B X-Axis Position Counter High Byte
0Ah
GMPBYL
Device B Y-Axis Position Counter Low Byte
0Bh
GMPBYH
Device B Y-Axis Position Counter High Byte
0Ch
GMPEPOL
Device B Button 1
Event Polarity
Device B Button 0
Event Polarity
Device A Button 1
Event Polarity
Device A Button 0
Event Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com