Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 76Page - National Semiconductor (TI) PC87393 Datasheet HTML 77Page - National Semiconductor (TI) PC87393 Datasheet HTML 78Page - National Semiconductor (TI) PC87393 Datasheet HTML 79Page - National Semiconductor (TI) PC87393 Datasheet HTML 80Page - National Semiconductor (TI) PC87393 Datasheet HTML 81Page - National Semiconductor (TI) PC87393 Datasheet HTML 82Page - National Semiconductor (TI) PC87393 Datasheet HTML 83Page - National Semiconductor (TI) PC87393 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 148 page
background image
80
www.national.com
4.0
WATCHDOG Timer (WDT)
4.1
OVERVIEW
The WATCHDOG Timer prompts the system via SMI or interrupt when no system activity is detected on a predefined selec-
tion of system events for a predefined period of time (1 to 255 minutes).
The WATCHDOG Timer monitors two maskable system events: the interrupt request lines of the two serial ports (UART1
and UART2). The system prompt is performed by asserting a special-purpose output pin (WDO), which can be attached to
external SMI. Alternatively, this indication can be routed to any arbitrary IRQ line and is also available on a status bit that
can be read by the host.
This chapter describes the generic WATCHDOG Timer functional block. A device may include a different implementation.
For device specific implementation, see the
Device Architecture and Configuration chapter.
4.2
FUNCTIONAL DESCRIPTION
The WATCHDOG Timer consists of an 8-bit counter and three registers: Timeout register (WDTO), Mask register (WDMSK)
and Status register (WDST). The counter is an 8-bit down counter that is clocked every minute and is used for the timeout
period countdown. The WDTO register holds the programmable timeout, which is the period of inactivity after which the
WATCHDOG Timer prompts the system (1 to 255 minutes). The WDMSK register determines which system events are en-
abled as WATCHDOG Timer trigger events to restart the countdown. The WDST register holds the WATCHDOG Timer sta-
tus bit that reflects the value of the WDO pin and indicates that the timeout period has expired.
Figure 12 shows the functionality of the WATCHDOG Timer.
Upon reset, the Timeout register (WDTO) is initialized to zero, the timer is deactivated, the WDO is inactive (high) and all
trigger events are masked.
Upon writing to the WDTO register, the timer is activated while the counter is loaded with the timeout value and starts count-
ing down every minute. If a trigger event (unmasked system event) occurs before the counter has expired (reached zero),
the counter is reloaded with the timeout period (from WDTO register) and restarts the countdown. If no trigger event occurs
before the timeout period expires, the counter reaches zero and stops counting. Consequently, the WDO pin is asserted
(pulled low) and the WDO Status bit is cleared to 0.~
Writing to the WDTO register de-asserts the WDO output (released high) and sets the WDO Status bit to 1. If a non-zero
value is written, a new countdown starts as described above. If 00h is written, the timer is deactivated.
To summarize, the WDO output is de-asserted (high) and the Status bit is set to 1 (inactive) upon:
q
Reset
q
Activating the WATCHDOG Timer or
q
Writing to the WDTO register.
The WDO output is asserted (low) and the WDO status is set to zero (active) when the counter reaches zero.
When an IRQ is assigned to the WATCHDOG Timer (through the WATCHDOG Timer device configuration), the selected
IRQ level is active as long as the WDO status bit is low (active).
Figure 12. WATCHDOG Timer Functional Diagram
WDTO Register
Timer
Zero Detector
WDO
Interrupt
WDMSK
Write
1 Minute
Load
Reload
Enable Bits
Status Bit
Clock
Data Bus
Register
Serial Port 2 IRQ
Serial Port 1 IRQ
Reserved
0
1
2
3
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com