Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 3Page - National Semiconductor (TI) PC87393 Datasheet HTML 4Page - National Semiconductor (TI) PC87393 Datasheet HTML 5Page - National Semiconductor (TI) PC87393 Datasheet HTML 6Page - National Semiconductor (TI) PC87393 Datasheet HTML 7Page - National Semiconductor (TI) PC87393 Datasheet HTML 8Page - National Semiconductor (TI) PC87393 Datasheet HTML 9Page - National Semiconductor (TI) PC87393 Datasheet HTML 10Page - National Semiconductor (TI) PC87393 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 148 page
background image
Table of Contents (Continued)
7
www.national.com
2.17
GAME PORT (GMP) CONFIGURATION .................................................................................. 62
2.17.1
Logical Device 11 (GMP) Configuration ...................................................................... 62
2.17.2
Game Port Configuration Register .............................................................................. 62
2.18
MIDI PORT (MIDI) CONFIGURATION ...................................................................................... 64
2.18.1
Logical Device 12 (MIDI) Configuration ....................................................................... 64
2.18.2
MIDI Port Configuration Register ................................................................................. 64
2.19
X-BUS CONFIGURATION .........................................................................................................65
2.19.1
Logical Device 15 (X-Bus) Configuration ..................................................................... 65
2.19.2
X-Bus I/O Range Programming ................................................................................... 65
2.19.3
X-Bus Memory Range Programming ........................................................................... 66
2.19.4
X-Bus I/O Configuration Register ................................................................................ 66
2.19.5
X-Bus I/O Base Address High Byte Register ............................................................... 68
2.19.6
X-Bus I/O Base Address Low Byte Register ............................................................... 68
2.19.7
X-Bus I/O Size Configuration Register ........................................................................ 68
2.19.8
X-Bus Memory Configuration Register ........................................................................ 69
2.19.9
X-Bus Memory Base Address High Byte Register ...................................................... 69
2.19.10 X-Bus Memory Base Address Low Byte Register ....................................................... 70
2.19.11 X-Bus Memory Size Configuration Register ................................................................ 70
2.19.12 X-Bus PIRQA and PIRQB Mapping Register .............................................................. 71
2.19.13 X-Bus PIRQC and PIRQD Mapping Register .............................................................. 71
3.0
General-Purpose Input/Output (GPIO) Port
3.1
OVERVIEW ............................................................................................................................... 72
3.2
BASIC FUNCTIONALITY ..........................................................................................................73
3.2.1
Configuration Options .................................................................................................. 73
3.2.2
Operation ..................................................................................................................... 73
3.3
EVENT HANDLING AND SYSTEM NOTIFICATION ................................................................ 74
3.3.1
Event Configuration ..................................................................................................... 74
3.3.2
System Notification ...................................................................................................... 74
3.4
GPIO PORT REGISTERS ......................................................................................................... 75
3.4.1
GPIO Pin Configuration (GPCFG) Register ................................................................ 76
3.4.2
GPIO Pin Event Routing (GPEVR) Register ............................................................... 77
3.4.3
GPIO Port Runtime Register Map ............................................................................... 77
3.4.4
GPIO Data Out Register (GPDO) ................................................................................ 78
3.4.5
GPIO Data In Register (GPDI) .................................................................................... 78
3.4.6
GPIO Event Enable Register (GPEVEN) .................................................................... 79
3.4.7
GPIO Event Status Register (GPEVST) ...................................................................... 79
4.0
WATCHDOG Timer (WDT)
4.1
OVERVIEW ............................................................................................................................... 80
4.2
FUNCTIONAL DESCRIPTION .................................................................................................. 80
4.3
WATCHDOG TIMER REGISTERS ........................................................................................... 81
4.3.1
WATCHDOG Timer Register Map ............................................................................... 81
4.3.2
WATCHDOG Timeout Register (WDTO) .................................................................... 81
4.3.3
WATCHDOG Mask Register (WDMSK) ...................................................................... 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com