Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 15Page - National Semiconductor (TI) PC87393 Datasheet HTML 16Page - National Semiconductor (TI) PC87393 Datasheet HTML 17Page - National Semiconductor (TI) PC87393 Datasheet HTML 18Page - National Semiconductor (TI) PC87393 Datasheet HTML 19Page - National Semiconductor (TI) PC87393 Datasheet HTML 20Page - National Semiconductor (TI) PC87393 Datasheet HTML 21Page - National Semiconductor (TI) PC87393 Datasheet HTML 22Page - National Semiconductor (TI) PC87393 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 148 page
background image
1.0 Signal/Pin Connection and Description (Continued)
19
www.national.com
1.5.4
Floppy Disk Controller (FDC)
Signal
Pin(s)
I/O Buffer Type Power Well
Description
DENSEL
33, 53
O
O2/12
VDD
Density Select. Indicates that a high FDC density data rate (500
Kbps, 1 Mbps or 2 Mbps) or a low density data rate (250 or 300
Kbps) is selected.
DIR
29, 49
O
OD12,O2/12
VDD
Direction. Determines the direction of the Floppy Disk Drive
(FDD) head movement (active = step in, inactive = step out)
during a seek operation.
DR1
DR0
41, 71,
72
30
OOD12,O2/12
VDD
Drive Select. Decoded output signals in 2-drive mode, or
encoded signals in 4-drive mode. Controlled by bits 1 and 0 of the
Digital Output register (DOR).
DRATE0
34, 73
O
O3/6
VDD
Data Rate 0. Reflects the value of bit 0 of the Configuration Control
register (CCR) or the Data Rate Select register (DSR), whichever
was written to last.
DRATE1
53
O
O3/6
VDD
Data Rate 1. Reflects the value of bit 1 of the Configuration Control
register (CCR) or the Data Rate Select register (DSR), whichever
was written to last. Available on the PPM pins only.
DSKCHG
21, 45
I
INT
VDD
Disk Change. Indicates if the drive door has been opened.
HDSEL
22, 51
O
OD12,O2/12
VDD
Head Select. Determines which side of the FDD is accessed.
Active low selects side 1, inactive selects side 0.
INDEX
32, 52
I
INT
VDD
Index. Indicates the beginning of an FDD track.
MSEN1, 0
42, 44
I
INT
VDD
Automatic Media Sense. Identifies the media type of the floppy
disk in drive 1 and 0, if the drive supports this protocol.
MTR1
MTR0
84, 73,
40
31
OOD12,O2/12
VDD
Motor Select. Active low, motor enable lines for drive 1 and 0,
controlled by bits D7-4 of the Digital Output register (DOR). MTR0 is
used to decode DR1 and DR0 in 4-drive mode.
RDATA
23, 46
I
INT
VDD
Read Data. Raw serial input data stream read from the FDD.
STEP
28, 47
O
OD12,O2/12
VDD
Step. Issues pulses to the FDD at a software programmable rate
to move the head during a seek operation.
TRK0
25, 50
I
INT
VDD
Track 0. Indicates to the controller that the head of the selected
FDD is at track 0.
WDATA
27, 37
O
OD12,O2/12
VDD
Write Data. Carries out the pre-compensated serial data that is
written to the FDD. Pre-compensation is software selectable.
WGATE
26, 36
O
OD12,O2/12
VDD
Write Gate. Enables the write circuitry of the selected FDD.
WGATE is designed to prevent glitches during power-up and
power-down. This prevents writing to the disk when power is
cycled.
WP
24, 48
I
INT
VDD
Write Protected. Indicates that the disk in the selected drive is
write protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com