Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87393 Datasheet(PDF) 120 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393 Datasheet(HTML) 120 Page - National Semiconductor (TI)

Back Button PC87393 Datasheet HTML 116Page - National Semiconductor (TI) PC87393 Datasheet HTML 117Page - National Semiconductor (TI) PC87393 Datasheet HTML 118Page - National Semiconductor (TI) PC87393 Datasheet HTML 119Page - National Semiconductor (TI) PC87393 Datasheet HTML 120Page - National Semiconductor (TI) PC87393 Datasheet HTML 121Page - National Semiconductor (TI) PC87393 Datasheet HTML 122Page - National Semiconductor (TI) PC87393 Datasheet HTML 123Page - National Semiconductor (TI) PC87393 Datasheet HTML 124Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 148 page
background image
7.0 X-Bus Extension (Continued)
120
www.national.com
7.6
X-BUS EXTENSION BITMAP
Register
Bits
Offset
Mnemonic
7
6
5
4
3
2
1
0
00h
XBCNF
Reserved
R/W
Extended
Mode
Enable
Latch
Address
Mode
Enable
01h
XZCNF0
XRDY
Enable
WaitStates
Enable
Reserved
Select 0 Mapping
02h
XZCNF1
XRDY
Enable
WaitStates
Enable
Reserved
Select 1 Mapping
03h
Reserved
04h
XIRQCA
Reserved
PIRQ
Polarity
Inversion
PIRQ
Enable
PIRQ
Polarity
PWUREQ
Enable
05h
XIRQCB
Reserved
PIRQ
Polarity
Inversion
PIRQ
Enable
PIRQ
Polarity
PWUREQ
Enable
06h
XIRQCC
Reserved
PIRQ
Polarity
Inversion
PIRQ
Enable
PIRQ
Polarity
PWUREQ
Enable
07h
XIRQCD
Reserved
PIRQ
Polarity
Inversion
PIRQ
Enable
PIRQ
Polarity
PWUREQ
Enable
08h
XIMA0
X-Bus Indirect Memory Address 7-0
09h
XIMA1
X-Bus Indirect Memory Address 15-8
0Ah
XIMA2
X-Bus Indirect Memory Address 23-16
0Bh
XIMA3
X-Bus Indirect Memory Address 31-24
0Ch
XIMD
X-Bus Indirect Memory Data 7-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com