Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 181 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 181 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 177Page - Texas Instruments TMS320DM814x Datasheet HTML 178Page - Texas Instruments TMS320DM814x Datasheet HTML 179Page - Texas Instruments TMS320DM814x Datasheet HTML 180Page - Texas Instruments TMS320DM814x Datasheet HTML 181Page - Texas Instruments TMS320DM814x Datasheet HTML 182Page - Texas Instruments TMS320DM814x Datasheet HTML 183Page - Texas Instruments TMS320DM814x Datasheet HTML 184Page - Texas Instruments TMS320DM814x Datasheet HTML 185Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7
Power, Reset, Clocking, and Interrupts
7.1
Power, Reset and Clock Management (PRCM) Module
The PRCM module is the centralized management module for the power, reset, and clock control signals
of the device. The PRCM interfaces with all the components on the device for power, clock, and reset
management
through
power-control
signals.
The
PRCM
module
inTiming
Requirements
for
AUD_CLKINxtegrates enhanced features to allow the device to adapt energy consumption dynamically,
according to changing application and performance requirements. The innovative hardware architecture
allows a substantial reduction in leakage current.
The PRCM module is composed of two main entities:
•
Power reset manager (PRM): Handles the power, reset, wake-up management, and system clock
source control (oscillator)
•
Clock manager (CM): Handles the clock generation, distribution, and management.
For more details on the PRCM, see the Power, Reset, and Clock Management (PRCM) Module chapter of
the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature Number:
SPRUGZ8).
7.2
Power
7.2.1
Voltage and Power Domains
Every Module within the device belongs to a Core Logic Voltage Domain, Memory Voltage Domain, and a
Power Domain (see Table 7-1).
Table 7-1. Voltage and Power Domains
CORE LOGIC
MEMORY VOLTAGE
POWER
MODULES
VOLTAGE DOMAIN
DOMAIN
DOMAIN
ARM_L
ARM_M
ARM Cortex-A8 Subsystem
DCAN0/1, DMM, EDMA, ELM, DDR0/1, EMAC Switch,
GPIO Banks 0/1/2/3,GPMC, I2C0/1/2/3, IPC,
MCASP0/1/2/3/4/5, MCBSP, OCMC SRAM, PCIE,
ALWAYS ON
CORE_L
CORE_M
PRCM, RTC, SATA, SD/MMC0/1/2, SPI01/2/3,
Timer1/2/3/4/5/6/7/8, UART0/1/2/3/4/5, USB0/1,
WDT0, System Interconnect, JTAG, Media Controller,
ISS
GFX
SGX530
HDVPSS
HDVPSS, HDMI, SD-DAC
DSP_L
DSP_M
DSP
C674x DSP and L2 SRAM
HDVICP_L
HDVICP_M
HDVICP
HDVICP2
7.2.1.1
Core Logic Voltage Domains
The device contains four Core Logic Voltage Domains. These domains define groups of Modules that
share the same supply voltage for their core logic. Each Core Logic Voltage Domain is powered by a
dedicated supply voltage rail. Table 7-2 shows the mapping between the Core Logic Voltage Domains and
their associated supply pins.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
181
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com