Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 184 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 184 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 180Page - Texas Instruments TMS320DM814x Datasheet HTML 181Page - Texas Instruments TMS320DM814x Datasheet HTML 182Page - Texas Instruments TMS320DM814x Datasheet HTML 183Page - Texas Instruments TMS320DM814x Datasheet HTML 184Page - Texas Instruments TMS320DM814x Datasheet HTML 185Page - Texas Instruments TMS320DM814x Datasheet HTML 186Page - Texas Instruments TMS320DM814x Datasheet HTML 187Page - Texas Instruments TMS320DM814x Datasheet HTML 188Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
All SRAM located in a switchable power domain (all domains except ALWAYS_ON) automatically enters
SHUTDOWN mode whenever its associated power domain goes into the "OFF" state. The SRAM returns
to the ACTIVE state when the corresponding Power Domain returns to the "ON" state.
In addition, the following SRAM within the ALWAYS_ON Power Domain can also be independently put
into SHUTDOWN by programming the x_MEM_PWRDN registers in the Control Module:
•
Media Controller SRAM
•
OCMC SRAM
For detailed instructions on powering up/down the various device SRAM, see the Control Module chapter
of the TMS320DM814x DaVinci Digital Media Processors Technical Reference Manual (Literature
Number: SPRUGZ8).
7.2.4
SERDES_CLKP and SERDES_CLKN LDO
The SERDES_CLKP and SERDES_CLKN input buffers are powered by an internal LDO which is
programmed through the REFCLK_LJCBLDO_CTRL register in the Control Module.
For more information on programming the SERDES_CLKP and SERDES_CLKN LDO, see PCI Express
(PCIe) Module and Serial ATA (SATA) Controller chapters of the TMS320DM814x DaVinci Digital Media
Processors Technical Reference Manual (Literature Number: SPRUGZ8).
7.2.5
Dual Voltage I/Os
The device supports dual voltages on some of its I/Os. These I/Os are partitioned into the following
groups, and each group has its own dedicated supply pins: DVDD, DVDD_GPMC, DVDD_C, and
DVDD_SD. The supply voltage for each group can be independently powered with either 1.8 V or 3.3 V.
For the mapping between pins and power groups, see Section 3.2, Terminal Functions of the datasheet.
In addition, the I/O voltage on each DDR interface is independently selectable between either 1.5 V or 1.8
V to support various DDR device types. The I/O supplies for each DDR interface are separate and isolated
to allow populating different memory types on each interface.
7.2.6
I/O Power-Down Modes
On the device, there are power-down modes available for the following PHYs:
•
Video DAC
•
DDR
•
USB
•
HDMI
•
PCIE
•
SATA
When a PHY controller is in a power domain that is to be turned "OFF", software must configure the
corresponding PHY into power-down mode, prior to putting the power domain in the "OFF" state.
184
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com