Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 186 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 186 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 182Page - Texas Instruments TMS320DM814x Datasheet HTML 183Page - Texas Instruments TMS320DM814x Datasheet HTML 184Page - Texas Instruments TMS320DM814x Datasheet HTML 185Page - Texas Instruments TMS320DM814x Datasheet HTML 186Page - Texas Instruments TMS320DM814x Datasheet HTML 187Page - Texas Instruments TMS320DM814x Datasheet HTML 188Page - Texas Instruments TMS320DM814x Datasheet HTML 189Page - Texas Instruments TMS320DM814x Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 376 page
background image
3.3 V Supplies
(DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
1.5 V/1.8 V DVDD_DDR[x]
CVDD
1.8 V Supplies
(DVDD, DVDD_x, DVDD_M, VDDA_x_1P8,
VDDA_1P8)
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Figure 7-1. Power-Up Sequence
7.2.8.2
Power-Down Sequence
For proper device operation, the following power-down sequence in Table 7-7 and Figure 7-2 must be
followed. Ramping down all supplies at the same time is allowed, provided the requirements in Table 7-7
are met.
Table 7-7. Power-Down Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
8
CVDD, CVDD_x variable supply to 1.8 V supplies
See (1)
See (1)
ms
9
1.5-/1.8-V DVDD_DDR[x] supplies to 1.8 V supplies
See (1)
See (1)
ms
10
3.3 V supplies to 1.8 V supplies
See (2)
See (2)
ms
CVDD_x variable supplies ramp-down start to CVDD
14
0
ms
variable supply ramp-down start
(1)
The 1.5-/1.8-V DVDD_DDR[x] and CVDD, CVDD_x variable supplies can be powered down prior to or simultaneously with the 1.8-V
supplies.
(2)
The 3.3 V supplies must never be more than 2 V above the 1.8 V supplies (see Figure 7-3).
186
Power, Reset, Clocking, and Interrupts
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com