Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 185 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 185 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 181Page - Texas Instruments TMS320DM814x Datasheet HTML 182Page - Texas Instruments TMS320DM814x Datasheet HTML 183Page - Texas Instruments TMS320DM814x Datasheet HTML 184Page - Texas Instruments TMS320DM814x Datasheet HTML 185Page - Texas Instruments TMS320DM814x Datasheet HTML 186Page - Texas Instruments TMS320DM814x Datasheet HTML 187Page - Texas Instruments TMS320DM814x Datasheet HTML 188Page - Texas Instruments TMS320DM814x Datasheet HTML 189Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
7.2.7
Standby Mode
The device supports Low-Power Standby Mode as described below.
Standby Mode is defined as a state in which:
•
All switchable power domains are in "OFF" state
•
The ARM Cortex-A8 is executing an IDLE loop at its lowest frequency of operation
•
All functional blocks not needed for a given application are clock gated
For detailed instructions on entering and exiting from Standby Mode see the Power, Reset, and Clock
Management (PRCM) Module chapter of the TMS320DM814x DaVinci Digital Media Processors Technical
Reference Manual (Literature Number: SPRUGZ8).
7.2.8
Supply Sequencing
The device power supplies are organized into four Supply Sequencing Groups:
1. All CVDD supplies (CVDD, CVDD_x)
2. All 1.5-/1.8-V DVDD_DDR[x] Supplies (1.5 V for DDR3, 1.8 V for DDR2)
3. All 1.8-V Supplies (DVDD_x, DVDD_M, VDDA_x_1P8, VDDA_1P8)
4. All 3.3-V Supplies (DVDD, DVDD_x, DVDD_C, VDDA_x_3P3)
To ensure proper device operation, a specific power-up and power-down sequence must be followed.
Some TI power-supply devices include features that facilitate these power sequencing requirements — for
example, TI’s TPS659113 integrated PMIC. For more information on TI power supplies and their features,
visit www.ti.com/processorpower.
For more detailed information on the actual power supply names and their descriptions, see Table 3-49,
Supply Voltages Terminal Functions.
7.2.8.1
Power-Up Sequence
For proper device operation, the following power-up sequence in Table 7-6 and must be followed.
Table 7-6. Power-Up Sequence Ramping Values
NO.
DESCRIPTION
MIN
MAX
UNIT
1.8 V and DVDD_DDR[x] supplies stable to 3.3 V supplies
1
0
ms
ramp start
2
1.8 V supplies to 1.5-/1.8- V DVDD_DDR[x] supplies
0(1)
ms
1.8 V supplies stable to CVDD, CVDD_x variable supplies
3
0(1)
ms
ramp start
CVDD variable supply ramp start to CVDD_x variable
13
0
ms
supplies ramp start
Master
4
All supplies valid to power-on-reset (POR high)
4 096
Clocks
(1)
The 1.8 V supplies must be
≥ 1.5-/1.8-V DVDD_DDR[x] supplies.
Copyright © 2011–2013, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
185
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com