Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 299 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 299 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 295Page - Texas Instruments TMS320DM814x Datasheet HTML 296Page - Texas Instruments TMS320DM814x Datasheet HTML 297Page - Texas Instruments TMS320DM814x Datasheet HTML 298Page - Texas Instruments TMS320DM814x Datasheet HTML 299Page - Texas Instruments TMS320DM814x Datasheet HTML 300Page - Texas Instruments TMS320DM814x Datasheet HTML 301Page - Texas Instruments TMS320DM814x Datasheet HTML 302Page - Texas Instruments TMS320DM814x Datasheet HTML 303Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 299 / 376 page
background image
+
+
DDR2 Device
DDR2 Controller
VREF Bypass Capacitor
VREF Nominal Max Trace
width is 20 mils
Neck down to minimum in BGA escape
regions is acceptable. Narrowing to
accomodate via congestion for short
distances is also acceptable. Best
performance is obtained if the width
of VREF is maximized.
A1
A1
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-61. Signal Net Class Definitions
ASSOCIATED CLOCK
CLOCK NET CLASS
PROCESSOR PIN NAMES
NET CLASS
ADDR_CTRL
CK
DDR[x]_BA[2:0], DDR[x]_A[14:0], DDR[x]_CS[x], DDR[x]_CAS, DDR[x]_RAS,
DDR[x]_WE, DDR[x]_CKE, DDR[x]_ODT[x]
DQ0
DQS0
DDR[x]_D[7:0], DDR[x]_DQM[0]
DQ1
DQS1
DDR[x]_D[15:8], DDR[x]_DQM[1]
DQ2(1)
DQS2
DDR[x]_D[23:16], DDR[x]_DQM[2]
DQ3(1)
DQS3
DDR[x]_D[31:24], DDR[x]_DQM[3]
(1)
Only used on 32-bit wide DDR2 memory systems.
8.13.4.1.1.9 DDR2 Signal Termination
Signal terminators are required in CK and ADDR_CTRL net classes. Serial terminators may be used on
data lines to reduce EMI risk; however, serial terminations are the only type permitted. ODTs are
integrated on the data byte net classes. They should be enabled to ensure signal integrity.Table 8-62
shows the specifications for the series terminators.
Table 8-62. DDR2 Signal Terminations
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
CK net class(1)(2)
0
10
Ω
2
ADDR_CTRL net class(1) (2)(3)(4)
0
22
Zo
Ω
3
Data byte net classes (DQS0-DQS3, DQ0-DQ3)(5)
0
Zo
Ω
(1)
Only series termination is permitted, parallel or SST specifically disallowed on board.
(2)
Only required for EMI reduction.
(3)
Terminator values larger than typical only recommended to address EMI issues.
(4)
Termination value should be uniform across net class.
(5)
No external terminations allowed for data byte net classes. ODT is to be used.
8.13.4.1.1.10 VREFSSTL_DDR Routing
VREFSSTL_DDR is used as a reference by the input buffers of the DDR2 memories as well as the
processor. VREF is intended to be half the DDR2 power supply voltage and should be created using a
resistive divider as shown in Figure 8-48. Other methods of creating VREF are not recommended.
Figure 8-51 shows the layout guidelines for VREF.
Figure 8-51. VREF Routing and Topology
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
299
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com