Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 302 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 302 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 298Page - Texas Instruments TMS320DM814x Datasheet HTML 299Page - Texas Instruments TMS320DM814x Datasheet HTML 300Page - Texas Instruments TMS320DM814x Datasheet HTML 301Page - Texas Instruments TMS320DM814x Datasheet HTML 302Page - Texas Instruments TMS320DM814x Datasheet HTML 303Page - Texas Instruments TMS320DM814x Datasheet HTML 304Page - Texas Instruments TMS320DM814x Datasheet HTML 305Page - Texas Instruments TMS320DM814x Datasheet HTML 306Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
Table 8-64. DQS and DQ Routing Specification
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center DQS-DQSn spacing in E0|E1|E2|E3
2w
2
DQS-DQSn skew in E0|E1|E2|E3
25
Mils
3
Center-to-center DQS to other DDR2 trace spacing(1)
4w
4
DQS/DQ nominal trace length (2)(3)(4)
DQLM-50
DQLM
DQLM+50
Mils
5
DQ-to-DQS skew length mismatch(2)(3)(4)
100
Mils
6
DQ-to-DQ skew length mismatch(2)(3)(4)
100
Mils
7
DQ-to-DQ/DQS via count mismatch(2)(3)(4)
1
Vias
8
Center-to-center DQ to other DDR2 trace spacing(1)(5)
4w
9
Center-to-center DQ to other DQ trace spacing(1)(6)(7)
3w
10
DQ/DQS E skew length mismatch(2)(3)(4)
100
Mils
(1)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(2)
A 16-bit DDR memory system has two sets of data net classes; one for data byte 0, and one for data byte 1, each with an associated
DQS (2 DQSs) per DDR EMIF used.
(3)
A 32-bit DDR memory system has four sets of data net classes; one each for data bytes 0 through 3, and each associated with a DQS
(4 DQSs) per DDR EMIF used.
(4)
There is no need, and it is not recommended, to skew match across data bytes; that is, from DQS0 and data byte 0 to DQS1 and data
byte 1.
(5)
DQs from other DQS domains are considered other DDR2 trace.
(6)
DQs from other data bytes are considered other DDR2 trace.
(7)
DQLM is the longest Manhattan distance of each of the DQS and DQ net classes.
8.13.4.2 DDR3 Routing Specifications
8.13.4.2.1 DDR3 versus DDR2
This specification only covers PCB designs that utilize DDR3 memory. PCB designs using other types of
DDR memory should follow the specification appropriate for that type of memory. It is currently not
possible to design a single PCB that supports multiple types of DDR memory.
8.13.4.2.2 DDR3 EMIFs
A processor may contain more than one EMIF. This specification covers only one EMIF and needs to be
implemented for each additional EMIF. Requirements are identical between the EMIFs, however, the PCB
layouts will most likely be different.
8.13.4.2.3 DDR3 Device Combinations
Since there are several possible combinations of device counts and single- or dual-side mounting,
Table 8-65 summarizes the supported device configurations.
Table 8-65. Supported DDR3 Device Combinations(1)
NUMBER OF DDR3 DEVICES
DDR3 DEVICE WIDTH (BITS)
MIRRORED?
DDR3 EMIF WIDTH (BITS)
1
16
N
16
2
8
Y(2)
16
2
16
N
32
2
16
Y(2)
32
4
8
N
32
4
8
Y(3)
32
(1)
This table is per EMIF.
(2)
Two DDR3 devices are mirrored when one device is placed on the top of the board and the second device is placed on the bottom of
the board.
(3)
This is two mirrored pairs of DDR3 devices.
302
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com