Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 306 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 306 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 302Page - Texas Instruments TMS320DM814x Datasheet HTML 303Page - Texas Instruments TMS320DM814x Datasheet HTML 304Page - Texas Instruments TMS320DM814x Datasheet HTML 305Page - Texas Instruments TMS320DM814x Datasheet HTML 306Page - Texas Instruments TMS320DM814x Datasheet HTML 307Page - Texas Instruments TMS320DM814x Datasheet HTML 308Page - Texas Instruments TMS320DM814x Datasheet HTML 309Page - Texas Instruments TMS320DM814x Datasheet HTML 310Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 306 / 376 page
background image
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.4.2.4.1 Compatible JEDEC DDR3 Devices
Table 8-66 shows the parameters of the JEDEC DDR3 devices that are compatible with this interface.
Generally, the DDR3 interface is compatible with DDR3-1600 devices in the x8 or x16 widths.
Table 8-66. Compatible JEDEC DDR3 Devices (Per Interface)
NO.
PARAMETER
MIN
MAX
UNIT
1
JEDEC DDR3 device speed grade(1)
DDR3-800
DDR3-
1600(2)
2
JEDEC DDR3 device bit width
x8
x16
Bits
3
JEDEC DDR3 device count(3)
2
8
Devices
(1)
DDR3 speed grade depends on desired clock rate. Data rate is 2x the clock rate. For DDR3-800, the clock rate is 400 MHz.
(2)
DDR3 devices with speed grades up to DDR3-1600 are supported; however, max clock rate will still be limited to 533 MHz as stated in
Switching Characteristics Over Recommended Operating Conditions for DDR3 Memory Controller.
(3)
For valid DDR3 device configurations and device counts, see Section 8.13.4.2.4, Figure 8-54, and Figure 8-55.
8.13.4.2.4.2 PCB Stackup
The minimum stackup for routing the DDR3 interface is a four-layer stack up as shown in Table 8-67.
Additional layers may be added to the PCB stackup to accommodate other circuitry, enhance SI/EMI
performance, or to reduce the size of the PCB footprint. A six-layer stackup is shown in Table 8-68.
Complete stackup specifications are provided in Table 8-69.
Table 8-67. Minimum PCB Stackup
LAYER
TYPE
DESCRIPTION
1
Signal
Top routing mostly vertical
2
Plane
Split power plane
3
Plane
Full ground plane
4
Signal
Bottom routing mostly horizontal
Table 8-68. Six-Layer PCB Stackup Suggestion
LAYER
TYPE
DESCRIPTION
1
Signal
Top routing mostly vertical
2
Plane
Ground
3
Plane
Split power plane
4
Plane
Split power plane or Internal routing
5
Plane
Ground
6
Signal
Bottom routing mostly horizontal
306
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com