Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 307 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 307 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 303Page - Texas Instruments TMS320DM814x Datasheet HTML 304Page - Texas Instruments TMS320DM814x Datasheet HTML 305Page - Texas Instruments TMS320DM814x Datasheet HTML 306Page - Texas Instruments TMS320DM814x Datasheet HTML 307Page - Texas Instruments TMS320DM814x Datasheet HTML 308Page - Texas Instruments TMS320DM814x Datasheet HTML 309Page - Texas Instruments TMS320DM814x Datasheet HTML 310Page - Texas Instruments TMS320DM814x Datasheet HTML 311Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 307 / 376 page
background image
DDR3
Controller
Y
X1
X2
X2
X2
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-69. PCB Stackup Specifications
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
PCB routing/plane layers
4
6
2
Signal routing layers
2
3
Full ground reference layers under DDR3 routing region(1)
1
4
Full 1.5-V power reference layers under the DDR3 routing region(1)
1
5
Number of reference plane cuts allowed within DDR routing region(2)
0
6
Number of layers between DDR3 routing layer and reference plane(3)
0
7
PCB routing feature size
4
Mils
8
PCB trace width, w
4
Mils
13
Single-ended impedance, Zo
50
75
Ω
14
Impedance control(4)
Z-5
Z
Z+5
Ω
(1)
Ground reference layers are preferred over power reference layers. Be sure to include bypass caps to accommodate reference layer
return current as the trace routes switch routing layers.
(2)
No traces should cross reference plane cuts within the DDR routing region. High-speed signal traces crossing reference plane cuts
create large return current paths which can lead to excessive crosstalk and EMI radiation.
(3)
Reference planes are to be directly adjacent to the signal plane to minimize the size of the return current loop.
(4)
Z is the nominal singled-ended impedance selected for the PCB specified by item 13.
8.13.4.2.4.3 Placement
Figure 8-56 shows the required placement for the processor as well as the DDR3 devices. The
dimensions for this figure are defined in Table 8-70. The placement does not restrict the side of the PCB
on which the devices are mounted. The ultimate purpose of the placement is to limit the maximum trace
lengths and allow for proper routing space. For a 16-bit DDR memory system, the high-word DDR3
device(s) are omitted from the placement.
Figure 8-56. Placement Specifications
It is strongly recommended that high-speed bypass capacitors be placed and accommodated for during
the placement and route planning phase. It is very difficult to add bypass capacitors once the board has
been routed and significant rework may be required to meet the high-speed bypass capacitor
requirements in Section 8.13.4.2.4.6, High-Speed Bypass Capacitors if the proper planning is not done. A
particular challenge to placing bypass capacitors in congested areas is fitting the required vias. It is
suggested that each pair of vias support two bypass capacitors by mounting one capacitor on the top of
the board and other on the bottom. Do not share vias between capacitors mounted on the same side of
the PCB. Another suggestion is to line up the vias for the bypass capacitors for the processor in rows
forming channels to allow the signals to escape.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
307
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com