Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 311 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 311 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 307Page - Texas Instruments TMS320DM814x Datasheet HTML 308Page - Texas Instruments TMS320DM814x Datasheet HTML 309Page - Texas Instruments TMS320DM814x Datasheet HTML 310Page - Texas Instruments TMS320DM814x Datasheet HTML 311Page - Texas Instruments TMS320DM814x Datasheet HTML 312Page - Texas Instruments TMS320DM814x Datasheet HTML 313Page - Texas Instruments TMS320DM814x Datasheet HTML 314Page - Texas Instruments TMS320DM814x Datasheet HTML 315Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 376 page
background image
A1
A2
Processor
Differential Clock
Output Buffer
DDR Differential CK Input Buffers
Routed as Differential Pair
A3
A4
A3
AT
Rcp
Clock Parallel
Terminator
A1
A2
A3
A4
A3
AT
Rcp
Cac
DDR_1V5
0.1 µF
+
–
+ –
+ –
+ –
+ –
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
8.13.4.2.4.10 VTT
Like VREF, the nominal value of the VTT supply is half the DDR3 supply voltage. Unlike VREF, VTT is
expected to source and sink current, specifically the termination current for the ADDR_CTRL net class
Thevinen terminators. VTT is needed at the end of the address bus and it should be routed as a power
sub-plane. VTT should be bypassed near the terminator resistors.
8.13.4.2.4.11 CK and ADDR_CTRL Topologies and Routing Definition
The CK and ADDR_CTRL net classes are routed similarly and are length matched to minimize skew
between them. CK is a bit more complicated because it runs at a higher transition rate and is differential.
The following subsections show the topology and routing for various DDR3 configurations for CK and
ADDR_CTRL. Only the components shown in the topologies are allowed. Items such as test points and
additional terminations are specifically disallowed. The figures in the following subsections define the
terms for the routing specification detailed in Table 8-75.
Care should be taken to minimize layer transitions during routing. If a layer transition is necessary, it is
better to transition to a layer using the same reference plane. If this cannot be accommodated, ensure
there are nearby ground vias to allow the return currents to transition between reference planes if both
reference planes are ground or DVDD_DDR. Ensure there are nearby bypass capacitors to allow the
return currents to transition between reference planes if one of the reference planes is ground. The goal is
to minimize the size of the return current loops.
8.13.4.2.4.11.1 Four DDR3 Devices
Four DDR3 devices are supported on the DDR EMIF consisting of four x8 DDR3 devices arranged as one
bank (CS). These four devices may be mounted on a single side of the PCB, or may be mirrored in two
pairs to save board space at a cost of increased routing complexity and parts on the backside of the PCB.
8.13.4.2.4.11.2 CK and ADDR_CTRL Topologies, Four DDR3 Devices
Figure 8-58 shows the topology of the CK net classes and Figure 8-59 shows the topology for the
corresponding ADDR_CTRL net classes.
Figure 8-58. CK Topology for Four x8 DDR3 Devices
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
311
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com