Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 309 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 309 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 305Page - Texas Instruments TMS320DM814x Datasheet HTML 306Page - Texas Instruments TMS320DM814x Datasheet HTML 307Page - Texas Instruments TMS320DM814x Datasheet HTML 308Page - Texas Instruments TMS320DM814x Datasheet HTML 309Page - Texas Instruments TMS320DM814x Datasheet HTML 310Page - Texas Instruments TMS320DM814x Datasheet HTML 311Page - Texas Instruments TMS320DM814x Datasheet HTML 312Page - Texas Instruments TMS320DM814x Datasheet HTML 313Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 309 / 376 page
background image
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Table 8-71. Bulk Bypass Capacitors Per DDR3 EMIF
NO.
PARAMETER
MIN
MAX
UNIT
1
DDR_1V5 bulk bypass capacitor count(1)
3
Devices
2
DDR_1V5 bulk bypass total capacitance
70
μF
(1)
These devices should be placed near the devices they are bypassing, but preference should be given to the placement of the high-
speed (HS) bypass capacitors and DDR3 signal routing.
8.13.4.2.4.6 High-Speed Bypass Capacitors
High-speed (HS) bypass capacitors are critical for proper DDR3 interface operation. It is particularly
important to minimize the parasitic series inductance of the HS bypass capacitors, processor/DDR power,
and processor/DDR ground connections. Table 8-72 contains the specification for the HS bypass
capacitors as well as for the power connections on the PCB. Generally speaking, it is good to:
1. Fit as many HS bypass capacitors as possible.
2. Minimize the distance from the bypass cap to the pins/balls being bypassed.
3. Use the smallest physical sized capacitors possible with the highest capacitance readily available.
4. Connect the bypass capacitor pads to their vias using the widest traces possible and using the largest
hole size via possible.
5. Minimize via sharing. Note the limits on via sharing shown in Table 8-72.
Table 8-72. High-Speed Bypass Capacitors
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
HS bypass capacitor package size(1)
201
402
10 Mils
2
Distance, HS bypass capacitor to processor being bypassed(2)(3)(4)
400
Mils
3
Processor DDR_1V5 HS bypass capacitor count(5)
35
Per
DDR3
EMIF
4
Processor DDR_1V5 HS bypass capacitor total capacitance
5
μF
5
Number of connection vias for each device power/ground ball(6)
Vias
6
Trace length from device power/ground ball to connection via (2)
35
70
Mils
7
Distance, HS bypass capacitor to DDR device being bypassed(7)
150
Mils
8
DDR3 device HS bypass capacitor count(8)
12
Devices
9
DDR3 device HS bypass capacitor total capacitance(8)
0.85
μF
10
Number of connection vias for each HS capacitor(9)(10)
2
Vias
11
Trace length from bypass capacitor connect to connection via(2)(10)
35
100
Mils
12
Number of connection vias for each DDR3 device power/ground ball(11)
1
Vias
13
Trace length from DDR3 device power/ground ball to connection via(2)(9)
35
60
Mils
(1)
LxW, 10-mil units, i.e., a 0402 is a 40x20-mil surface-mount capacitor.
(2)
Closer/shorter is better.
(3)
Measured from the nearest processor power/ground ball to the center of the capacitor package.
(4)
Three of these capacitors should be located underneath the processor, between the cluster of DDR_1V5 balls and ground balls,
between the DDR interfaces on the package.
(5)
Per DDR3 EMIF. For example, a processor with two DDR3 EMIFs would require 70 capacitors. The capacitors should be evenly
distributed near the Processor's DDR_1V5 pins.
(6)
See the Via Channel™ escape for the processor package.
(7)
Measured from the DDR3 device power/ground ball to the center of the capacitor package.
(8)
Per DDR3 EMIF.
(9)
An additional HS bypass capacitor can share the connection vias only if it is mounted on the opposite side of the board. No sharing of
vias is permitted on the same side of the board.
(10) An HS bypass capacitor may share a via with a DDR device mounted on the same side of the PCB. A wide trace should be used for the
connection and the length from the capacitor pad to the DDR device pad should be less than 150 mils.
(11) Up to a total of two pairs of DDR power/ground balls may share a via.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
309
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com