Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 300 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 300 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 296Page - Texas Instruments TMS320DM814x Datasheet HTML 297Page - Texas Instruments TMS320DM814x Datasheet HTML 298Page - Texas Instruments TMS320DM814x Datasheet HTML 299Page - Texas Instruments TMS320DM814x Datasheet HTML 300Page - Texas Instruments TMS320DM814x Datasheet HTML 301Page - Texas Instruments TMS320DM814x Datasheet HTML 302Page - Texas Instruments TMS320DM814x Datasheet HTML 303Page - Texas Instruments TMS320DM814x Datasheet HTML 304Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 300 / 376 page
background image
A1
A1
C
B
A´´
T
A = A´ + A´´
A´
TMS320DM8148, TMS320DM8147
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
www.ti.com
8.13.4.1.2 DDR2 CK and ADDR_CTRL Routing
Figure 8-52 shows the topology of the routing for the CK and ADDR_CTRL net classes. The route is a
balanced T as it is intended that the length of segments B and C be equal. In addition, the length of A
(A'+A'') should be maximized.
Figure 8-52. CK and ADDR_CTRL Routing and Topology
Table 8-63. CK and ADDR_CTRL Routing Specification (1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
Center-to-center CK-CK spacing
2w
2
CK/CK skew(1)
25
Mils
3
CK A-to-B/A-to-C skew length mismatch(2)
25
Mils
4
CK B-to-C skew length mismatch
25
Mils
5
Center-to-center CK to other DDR2 trace spacing(3)
4w
6
CK/ADDR_CTRL nominal trace length(4)
CACLM-50
CACLM
CACLM+50
Mils
7
ADDR_CTRL-to-CK skew length mismatch
100
Mils
8
ADDR_CTRL-to-ADDR_CTRL skew length mismatch
100
Mils
9
Center-to-center ADDR_CTRL to other DDR2 trace spacing(3)
4w
10
Center-to-center ADDR_CTRL to other ADDR_CTRL trace spacing(3)
3w
11
ADDR_CTRL A-to-B/A-to-C skew length mismatch(2)
100
Mils
12
ADDR_CTRL B-to-C skew length mismatch
100
Mils
(1)
The length of segment A = A' + A
′′ as shown in Figure 8-52.
(2)
Series terminator, if used, should be located closest to the processor.
(3)
Center-to-center spacing is allowed to fall to minimum (w) for up to 500 mils of routed length to accommodate BGA escape and routing
congestion.
(4)
CACLM is the longest Manhattan distance of the CK and ADDR_CTRL net classes.
300
Peripheral Information and Timings
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com