Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM814x Datasheet(PDF) 319 Page - Texas Instruments

Part # TMS320DM814x
Description  DaVinci Video Processors
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320DM814x Datasheet(HTML) 319 Page - Texas Instruments

Back Button TMS320DM814x Datasheet HTML 315Page - Texas Instruments TMS320DM814x Datasheet HTML 316Page - Texas Instruments TMS320DM814x Datasheet HTML 317Page - Texas Instruments TMS320DM814x Datasheet HTML 318Page - Texas Instruments TMS320DM814x Datasheet HTML 319Page - Texas Instruments TMS320DM814x Datasheet HTML 320Page - Texas Instruments TMS320DM814x Datasheet HTML 321Page - Texas Instruments TMS320DM814x Datasheet HTML 322Page - Texas Instruments TMS320DM814x Datasheet HTML 323Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 376 page
background image
Dn
Processor
DQ and DM
IO Buffer
DDR
DQ and DM
IO Buffer
n = 0, 1, 2, 3
Processor
DQS
IO Buffer
DDR
DQS
IO Buffer
Routed Differentially
n = 0, 1, 2, 3
DQSn-
DQSn+
=
Rtt
A2
AT
Vtt
TMS320DM8148, TMS320DM8147
www.ti.com
SPRS647E – MARCH 2011 – REVISED DECEMBER 2013
Figure 8-73. ADDR_CTRL Routing for One DDR3 Device
8.13.4.2.4.12 Data Topologies and Routing Definition
No matter the number of DDR3 devices used, the data line topology is always point-to-point, so its
definition is simple.
Care should be taken to minimize layer transitions during routing. If a layer transition is necessary, it is
better to transition to a layer using the same reference plane. If this cannot be accommodated, ensure
there are nearby ground vias to allow the return currents to transition between reference planes if both
reference planes are ground or DVDD_DDR. Ensure there are nearby bypass capacitors to allow the
return currents to transition between reference planes if one of the reference planes is ground. The goal is
to minimize the size of the return current loops.
8.13.4.2.4.12.1 DQS and DQ/DM Topologies, Any Number of Allowed DDR3 Devices
DQS lines are point-to-point differential, and DQ/DM lines are point-to-point singled ended. Figure 8-74
and Figure 8-75 show these topologies.
Figure 8-74. DQS Topology
Figure 8-75. DQ/DM Topology
8.13.4.2.4.12.2 DQS and DQ/DM Routing, Any Number of Allowed DDR3 Devices
Figure 8-76 and Figure 8-77 show the DQS and DQ/DM routing.
Copyright © 2011–2013, Texas Instruments Incorporated
Peripheral Information and Timings
319
Submit Documentation Feedback
Product Folder Links: TMS320DM8148 TMS320DM8147



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com